Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

025101.5MRT1L Datasheet(PDF) 2 Page - Littelfuse

Part # 025101.5MRT1L
Description  251/253 Series, PICO짰 II, Very Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

025101.5MRT1L Datasheet(HTML) 2 Page - Littelfuse

  025101.5MRT1L Datasheet HTML 1Page - Littelfuse 025101.5MRT1L Datasheet HTML 2Page - Littelfuse 025101.5MRT1L Datasheet HTML 3Page - Littelfuse 025101.5MRT1L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
251/253 Series
Please refer to www.littelfuse.com/series/251.html
or /253.html for current information.
PICO® ll > Very Fast-Acting > 251/253 Series
Ampere
Rating
(A)
Amp
Code
Ordering
Number
(Std.)
Ordering
Number
(Mil.)
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nom
Voltage
Drop
(V)
Agency Approvals
PS
E
TUV
QPL
.062
.062
251.062
253.062
125
300 A @ rated
50 A @ rated
For CCC 7A:
70 A @ rated
For CCC 10A:
100 A @ rated
7.000
0.000113
1.4
x
x
x
.125
.125
251.125
253.125
125
1.700
0.00174
0.285
x
x
x
.250
.250
251.250
253.250
125
0.665
0.0116
0.24
x
x
x
.375
.375
251.375
253.375
125
0.395
0.0296
0.215
x
x
x
.500
.500
251.500
253.500
125
0.280
0.0598
0.2165
x
x
x
x
x
.630
.630
251.630
125
0.205
0.094
0.188
x
x
.750
.750
251.750
253.750
125
0.175
0.153
0.176
x
x
x
x
1.00
001.
251001.
253001.
125
0.128
0.256
0.194
x
x
x
x
x
x
1.25
1.25
2511.25
125
0.100
0.390
0.2
x
x
x
1.50
01.5
25101.5
25301.5
125
0.0823
0.587
0.21
x
x
x
x
x
2.00
002.
251002.
253002.
125
0.0473
0.405
0.141
x
x
x
x
x
x
2.50
02.5
25102.5
125
0.0360
0.721
0.132
x
x
x
x
x
3.00
003.
251003.
253003.
125
0.0290
1.19
0.131
x
x
x
x
x
x
3.50
03.5
25103.5
125
0.0240
1.58
0.1205
x
x
x
x
4.00
004.
251004.
253004.
125
0.0204
2.45
0.114
x
x
x
x
x
x
5.00
005.
251005.
253005.
125
0.0155
4.14
0.11
x
x
x
x
x
x
7.00
007.
251007.
253007.
125
0.0105
10.4
0.102
x
x
x
x
10.0
010.
251010.
253010.
125
0.00705
25.5
0.1
x
x
x
x
12.0
012.
251012.
32
0.0055
45.2
0.0878
x
x
15.0
015.
251015.
253015.
32
0.00446
68.8
0.071
x
x
x
Electrical Specifications by Item
Note:


Similar Part No. - 025101.5MRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
025101.5MRT1L LITTELFUSE-025101.5MRT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 025101.5MRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.062M LITTELFUSE-0253.062M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.125M LITTELFUSE-0253.125M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0263.062WRT2 LITTELFUSE-0263.062WRT2 Datasheet
185Kb / 3P
   263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0253.125V LITTELFUSE-0253.125V Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 251/253 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com