Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02301.25DRT3W Datasheet(PDF) 5 Page - Littelfuse

Part # 02301.25DRT3W
Description  229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02301.25DRT3W Datasheet(HTML) 5 Page - Littelfuse

  02301.25DRT3W Datasheet HTML 1Page - Littelfuse 02301.25DRT3W Datasheet HTML 2Page - Littelfuse 02301.25DRT3W Datasheet HTML 3Page - Littelfuse 02301.25DRT3W Datasheet HTML 4Page - Littelfuse 02301.25DRT3W Datasheet HTML 5Page - Littelfuse 02301.25DRT3W Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
263
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Time Lag > 229/230 Series
229/230 Series
Please refer to www.littelfuse.com/series/229.html
or /230.html for current information.
Materials
Terminal Strength
Solderability
Product Marking
Product Characteristics
Operating Temperature
Thermal Shock
Vibration
Humidity
Salt Spray
Dimensions
229 000P Series
230 000P Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.7 (.184")
.635
(.025")
38.1
(1.50") TYP.
Part Numbering System
0229
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 02301.25DRT3W

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02301.21.08 GENERAL-02301.21.08 Datasheet
66Kb / 1P
   Lamp Cord Type SPT 60쨘C 300 Volts UL /CSA
More results

Similar Description - 02301.25DRT3W

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0473.500YRT1- LITTELFUSE-0473.500YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473001.YRT3- LITTELFUSE-0473001.YRT3- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473002.YRT1- LITTELFUSE-0473002.YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473004.MRT1- LITTELFUSE-0473004.MRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473005.MRT1- LITTELFUSE-0473005.MRT1- Datasheet
23Kb / 1P
   PICO II Slo-Blo짰 Type Fuse
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com