Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

023202.5MXEP Datasheet(PDF) 1 Page - Littelfuse

Part # 023202.5MXEP
Description  232 Series, 5 x 20 mm, Medium-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

023202.5MXEP Datasheet(HTML) 1 Page - Littelfuse

  023202.5MXEP Datasheet HTML 1Page - Littelfuse 023202.5MXEP Datasheet HTML 2Page - Littelfuse 023202.5MXEP Datasheet HTML 3Page - Littelfuse 023202.5MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
289
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
232 Series
5×20 mm > Medium-Acting > 232 Series
Please refer to www.littelfuse.com/series/232.html for current information.
232 Series, 5 x 20 mm, Medium-Acting Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK260202-E10480 B
NBK290502-E10480 D
Leaded Certificates:
NBK290502-E10480 B
NBK290502-E10480 F
1A – 5A
6.3A – 10A
1A – 5A
6.3A – 10A
Certificates:
SU05001-2015
1A – 10A
1A – 10A
Features
Electrical Characteristics for Series
% of Ampere
Rating
OpeningTime
130%
160%
200%
Applications
Electrical Characteristic Specifications by Item
Amp Code
Amp Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t
(A2 sec)
Agency Approvals
PS
E
001.
1
125/250
0.0923
1.25
1.25
125/250
0.0685
4.11000
01.6
1.6
125/250
6.96000
002.
2
125/250
8.25000
02.5
2.5
125/250
0.0291
003.
3
125/250
0.0226
3.15
3.15
125/250
0.0215
21.9500
004.
4
125/250
005.
5
125/250
0.0134
06.3
6.3
125/250
0.0102
90.41500
008.*
8
125/250
182.58000
010.*
10
125/250
0.0059
290.66500
PS
E
Description
Revised: September 9,2010


Similar Part No. - 023202.5MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
023202.5MXE LITTELFUSE-023202.5MXE Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
023202.5MXE- LITTELFUSE-023202.5MXE- Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
023202.5MXE-ND LITTELFUSE-023202.5MXE-ND Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
More results

Similar Description - 023202.5MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
02331.25MXE- LITTELFUSE-02331.25MXE- Datasheet
194Kb / 4P
   233 Series, 5 x 20 mm, Medium-Acting Fuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com