Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H50B1RFPS Datasheet(PDF) 2 Page - Texas Instruments

Part # F28M35H50B1RFPS
Description  Concerto Microcontrollers
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H50B1RFPS Datasheet(HTML) 2 Page - Texas Instruments

  F28M35H50B1RFPS Datasheet HTML 1Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 2Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 3Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 4Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 5Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 6Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 7Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 8Page - Texas Instruments F28M35H50B1RFPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
SPRS742D – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
1.2
Description
The Concerto™ family is a multi-core system-on-chip microcontroller (MCU) with independent
communication and real-time control subsystems. The F28M35x is the first series in the Concerto family.
The communications subsystem is based on the industry-standard 32-bit ARM® Cortex™-M3 CPU and
features a wide variety of communication peripherals, including Ethernet 1588, USB OTG with PHY, CAN,
UART, SSI, I2C, and an external interface.
The real-time control subsystem is based on TI’s industry-leading proprietary 32-bit C28x™ Floating-Point
CPU and features the most flexible and high-precision control peripherals, including ePWMs with fault
protection, and encoders and captures—all as implemented by TI’s C2000™ Piccolo™ and Delfino™
families. In addition, the C28-CPU has been enhanced with the addition of the Viterbi, Complex Math,
CRC Unit (VCU) instruction accelerator that implements efficient Viterbi, Complex Arithmetic, 16-bit FFTs
and CRC algorithms.
A high-speed analog subsystem and supplementary RAM memory is shared, along with on-chip voltage
regulation and redundant clocking circuitry. Safety considerations also include Error Correction Code
(ECC), Parity, and Code Secure Memory, as well as documentation to assist with system-level industrial
safety certification.
2
F28M35x ( Concerto™) MCUs
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - F28M35H50B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H50B1RFPS TI1-F28M35H50B1RFPS Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H50B1RFPS TI1-F28M35H50B1RFPS Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H50B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com