Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5113SD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5113SD
Description  LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113SD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5113SD Datasheet HTML 2Page - Texas Instruments LM5113SD Datasheet HTML 3Page - Texas Instruments LM5113SD Datasheet HTML 4Page - Texas Instruments LM5113SD Datasheet HTML 5Page - Texas Instruments LM5113SD Datasheet HTML 6Page - Texas Instruments LM5113SD Datasheet HTML 7Page - Texas Instruments LM5113SD Datasheet HTML 8Page - Texas Instruments LM5113SD Datasheet HTML 9Page - Texas Instruments LM5113SD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LI
HI
tHPLH
tLPLH
tHPHL
tLPHL
LO
HO
LI
HI
tMOFF
tMON
LO
HO
LM5113
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
www.ti.com
Switching Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
specified, VDD = VHB = 5V, VSS = VHS = 0V, No Load on LOL and LOH or HOL and HOH
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLPHL
LO Turn-Off Propagation Delay
LI Falling to LOL Falling
26.5
45.0
ns
tLPLH
LO Turn-On Propagation Delay
LI Rising to LOH Rising
28.0
45.0
ns
tHPHL
HO Turn-Off Propagation Delay
HI Falling to HOL Falling
26.5
45.0
ns
tHPLH
HO Turn-On Propagation Delay
HI Rising to HOH Rising
28.0
45.0
ns
tMON
Delay Matching: LO on & HO off
1.5
8.0
ns
tMOFF
Delay Matching: LO off & HO on
1.5
8.0
ns
tHRC
HO Rise Time (0.5V - 4.5V)
CL = 1000 pF
7.0
ns
tLRC
LO Rise Time (0.5V – 4.5V)
CL = 1000 pF
7.0
ns
tHFC
HO Fall Time (0.5V - 4.5V)
CL = 1000 pF
1.5
ns
tLFC
LO Fall Time (0.5V - 4.5V)
CL = 1000 pF
1.5
ns
tPW
Minimum Input Pulse Width that Changes
10
ns
the Output
tBS
Bootstrap Diode Reverse Recovery Time
IF = 100mA,
40
ns
IR = 100mA
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Timing Diagram
Figure 3. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: LM5113


Similar Part No. - LM5113SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113SD TI1-LM5113SD Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113SDE TI1-LM5113SDE Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113SDX TI1-LM5113SDX Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
More results

Similar Description - LM5113SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI-LM5113_15 Datasheet
2Mb / 21P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113-Q1 TI1-LM5113-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LMG1205 TI1-LMG1205 Datasheet
1Mb / 24P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
   Isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
   Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com