Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX207AL Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX207AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX207AL Datasheet(HTML) 4 Page - Sony Corporation

  ICX207AL Datasheet HTML 1Page - Sony Corporation ICX207AL Datasheet HTML 2Page - Sony Corporation ICX207AL Datasheet HTML 3Page - Sony Corporation ICX207AL Datasheet HTML 4Page - Sony Corporation ICX207AL Datasheet HTML 5Page - Sony Corporation ICX207AL Datasheet HTML 6Page - Sony Corporation ICX207AL Datasheet HTML 7Page - Sony Corporation ICX207AL Datasheet HTML 8Page - Sony Corporation ICX207AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
– 4 –
ICX207AL
V
φ1
C
φV12
V
φ2
V
φ4
V
φ3
C
φV34
C
φV23
C
φV41
C
φV13
C
φV24
C
φV1
C
φV2
C
φV4
C
φV3
RGND
R4
R1
R3
R2
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
R
φRG
RG
φ
C
φRG
Reset gate clock equivalent circuit
R
φH
R
φH
H
φ2
H
φ1
C
φH1
C
φHH
C
φH2
Item
Capacitance between vertical transfer
clock and GND
C
φV1, CφV3
C
φV2, CφV4
C
φV12, CφV34
C
φV23, CφV41
C
φV13
C
φV24
C
φH1, CφH2
C
φHH
C
φRG
C
φSUB
R1, R2, R3, R4
RGND
R
φH
R
φRG
390
220
330
270
82
75
33
33
5
100
100
15
15
39
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Capacitance between vertical transfer
clocks
Capacitance between horizontal
transfer clock and GND
Capacitance between horizontal
transfer clocks
Capacitance between reset gate clock
and GND
Capacitance between substrate clock
and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Reset gate clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
Clock Equivalent Circuit Constant


Similar Part No. - ICX207AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
33Kb / 2P
   1/4-Inch Super HAD CCD Color Image Sensor
ICX207AKB SONY-ICX207AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX207AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX279AL SONY-ICX279AL Datasheet
191Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX227AL SONY-ICX227AL Datasheet
204Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com