Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX207AKB Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX207AKB
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX207AKB Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Description
The ICX207AKB is an interline CCD solid-state
image sensor suitable for PAL color video cameras.
Compared with the current product ICX087AKB,
sensitivity
and
saturation
signal
are
improved
drastically through the adoption of Super HAD CCD
technology. Ye, Cy, Mg, and G complementary color
mosaic filters are used.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
Also, this outline is miniaturized by using original
package.
Features
• Maximum package dimensions:
φ8mm
• High sensitivity (+6dB compared with ICX087AKB)
• High saturation signal
(+2.2dB compared with ICX087AKB)
• Horizontal register:
3.3 to 5.0V drive
• Reset gate:
3.3 to 5.0V drive
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 4.5mm (Type 1/4)
• Number of effective pixels:
500 (H)
× 582 (V) approx. 290K pixels
• Total number of pixels:
537 (H)
× 597 (V) approx. 320K pixels
• Chip size:
4.47mm (H)
× 3.80mm (V)
• Unit cell size:
7.3µm (H)
× 4.7µm (V)
• Optical black:
Horizontal (H) direction: Front 7 pixels, rear 30 pixels
Vertical (V) direction:
Front 14 pixels, rear 1 pixel
• Number of dummy bits:
Horizontal 16
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX207AKB
E97Z31B99
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Optical black position
(Top View)
13 pin PCA (Ceramic)
Pin 1
V
7
30
1
14
Pin 8
H
Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing
newly developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn