Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX207AKB Datasheet(PDF) 6 Page - Sony Corporation

Part No. ICX207AKB
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX207AKB Datasheet(HTML) 6 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
– 6 –
ICX207AKB
tr
twh
tf
90%
10%
twl
V
φH
VHL
Point A
twl
V
φRG
VRGH
VRGL
VRGLH
RG waveform
VRGLL
H
φ1 waveform
twh
tr
tf
10%
VRGLm
90%
100%
10%
0%
(A bias generated within the CCD)
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
(3) Horizontal transfer clock waveform
(4) Reset gate clock waveform
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from
Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and
VRGLL.
VRGL = (VRGLH + VRGLL)/2
Assuming VRGH is the minimum value during the interval twh, then:
V
φRG = VRGH – VRGL
Negative overshoot level during the falling edge of RG is VRGLm.
(5) Substrate clock waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn