Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9V5036P3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ISL9V5036P3
Description  EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V5036P3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ISL9V5036P3_11 Datasheet HTML 1Page - Fairchild Semiconductor ISL9V5036P3_11 Datasheet HTML 2Page - Fairchild Semiconductor ISL9V5036P3_11 Datasheet HTML 3Page - Fairchild Semiconductor ISL9V5036P3_11 Datasheet HTML 4Page - Fairchild Semiconductor ISL9V5036P3_11 Datasheet HTML 5Page - Fairchild Semiconductor ISL9V5036P3_11 Datasheet HTML 6Page - Fairchild Semiconductor ISL9V5036P3_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package Marking and Ordering Information
Electrical Characteristics T
A = 25°C unless otherwise noted
Off State Characteristics
On State Characteristics
Dynamic Characteristics
Switching Characteristics
Thermal Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
V5036P
ISL9V5036P3_F085
TO-220AB
Tube
N/A
50
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVCER
Collector to Emitter Breakdown Voltage
IC = 2mA, VGE = 0,
RG = 1KΩ, See Fig. 15
TJ = -40 to 150°C
330
360
390
V
BVCES
Collector to Emitter Breakdown Voltage
IC = 10mA, VGE = 0,
RG = 0, See Fig. 15
TJ = -40 to 150°C
360
390
420
V
BVECS
Emitter to Collector Breakdown Voltage
IC = -75mA, VGE = 0V,
TC = 25°C
30
-
-
V
BVGES
Gate to Emitter Breakdown Voltage
IGES = ± 2mA
±12
±14
-
V
ICER
Collector to Emitter Leakage Current
VCER = 250V,
RG = 1KΩ,
See Fig. 11
TC = 25°C-
-
25
µA
TC = 150°C-
-
1
mA
IECS
Emitter to Collector Leakage Current
VEC = 24V, See
Fig. 11
TC = 25°C-
-
1
mA
TC = 150°C-
-
40
mA
R1
Series Gate Resistance
-
75
-
R2
Gate to Emitter Resistance
10K
-
30K
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = 10A,
VGE = 4.0V
TC = 25°C,
See Fig. 4
-
1.17
1.60
V
VCE(SAT)
Collector to Emitter Saturation Voltage
IC = 15A,
VGE = 4.5V
TC = 150°C
-
1.50
1.80
V
QG(ON)
Gate Charge
IC = 10A, VCE = 12V,
VGE = 5V, See Fig. 14
-32
-
nC
VGE(TH)
Gate to Emitter Threshold Voltage
IC = 1.0mA,
VCE = VGE,
See Fig. 10
TC = 25°C1.3
-
2.2
V
TC = 150°C
0.75-
1.8V
VGEP
Gate to Emitter Plateau Voltage
IC = 10A,
VCE = 12V
-
3.0
-
V
td(ON)R
Current Turn-On Delay Time-Resistive
VCE = 14V, RL = 1Ω,
VGE = 5V, RG = 1KΩ
TJ = 25°C, See Fig. 12
-0.7
4
µs
trR
Current Rise Time-Resistive
-
2.1
7
µs
td(OFF)L
Current Turn-Off Delay Time-Inductive
VCE = 300V, L = 2mH,
VGE = 5V, RG = 1KΩ
TJ = 25°C, See Fig. 12
-
10.8
15
µs
tfL
Current Fall Time-Inductive
-
2.8
15
µs
SCIS
Self Clamped Inductive Switching
TJ = 25°C, L = 670 µH,
RG = 1KΩ, VGE = 5V, See
Fig. 1 & 2
-
-
500
mJ
RθJC
Thermal Resistance Junction-Case
-
-
0.6
°C/W
©2011 Fairchild Semiconductor Corporation
ISL9V5036P3_F085 Rev. C5, August 2011
www.fairchildsemi.com


Similar Part No. - ISL9V5036P3_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
More results

Similar Description - ISL9V5036P3_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
FGI3236 FAIRCHILD-FGI3236 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5045S3S FAIRCHILD-ISL9V5045S3S Datasheet
229Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3S FAIRCHILD-ISL9V2540S3S Datasheet
184Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com