Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX206AKB Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX206AKB
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX206AKB Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX206AKB Datasheet HTML 7Page - Sony Corporation ICX206AKB Datasheet HTML 8Page - Sony Corporation ICX206AKB Datasheet HTML 9Page - Sony Corporation ICX206AKB Datasheet HTML 10Page - Sony Corporation ICX206AKB Datasheet HTML 11Page - Sony Corporation ICX206AKB Datasheet HTML 12Page - Sony Corporation ICX206AKB Datasheet HTML 13Page - Sony Corporation ICX206AKB Datasheet HTML 14Page - Sony Corporation ICX206AKB Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
– 11 –
ICX206AKB
Ylag (lag)
Y signal output 200mV
Light
FLD
V1
Strobe light
timing
Output
7. Dark signal
Measure the average value of the Y signal output (Ydt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
8. Dark signal shading
After measuring 7, measure the maximum (Ydmax [mV]) and minimum (Ydmin [mV]) values of the Y signal
output and substitute the values into the following formula.
∆Ydt = Ydmax – Ydmin [mV]
9. Flicker
1) Fy
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then measure the difference in the signal level between fields (
∆Yf [mV]). Then
substitute the value into the following formula.
Fy = (
∆Yf/200) × 100 [%]
2) Fcr, Fcb
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, insert an R or B filter, and then measure both the difference in the signal level between
fields of the chroma signal (
∆Cr, ∆Cb) as well as the average value of the chroma signal output (CAr, CAb).
Substitute the values into the following formula.
Fci = (
∆Ci/CAi) × 100 [%] (i = r, b)
10. Line crawls
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then insert a white subject and R, G, and B filters and measure the difference
between Y signal lines for the same field (
∆Ylw, ∆Ylr, ∆Ylg, ∆Ylb [mV]). Substitute the values into the
following formula.
Lci = (
∆Yli/200) × 100 [%] (i = w, r, g, b)
11. Lag
Adjust the Y signal output value generated by strobe light to 200mV. After setting the strobe light so that it
strobes with the following timing, measure the residual signal (Ylag). Substitute the value into the following
formula.
Lag = (Ylag/200)
× 100 [%]


Similar Part No. - ICX206AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
33Kb / 2P
   1/4-Inch Super HAD CCD Color Image Sensor
More results

Similar Description - ICX206AKB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX278AK SONY-ICX278AK Datasheet
203Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX228AK SONY-ICX228AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AK SONY-ICX086AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com