Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGD3440G2 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FGD3440G2
Description  EcoSPARK짰2 335mJ, 400V, N-Channel Ignition IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGD3440G2 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FGD3440G2 Datasheet HTML 1Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 2Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 3Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 4Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 5Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 6Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 7Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 8Page - Fairchild Semiconductor FGD3440G2 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Test Circuit and Waveforms
Figure 17. Inductive Switching Test Circuit
Figure 18. tON and tOFF Switching Test Circuit
Figure 19. Energy Test Circuit
Figure 20. Energy Waveforms
RG
G
C
E
VCC
L
PULSE
GEN
DUT
RG = 1KΩ
+
-
VCC
DUT
5V
C
G
E
LOAD
R
or
L
tP
VGE
0.01
L
ISCIS
+
-
VCE
VCC
RG
VARY tP TO OBTAIN
REQUIRED PEAK ISCIS
0V
DUT
G
C
E
VCC
VCE
BVCES
tP
ISCIS
tAV
0
7
@2011 Fairchild Semiconductor Corporation
FGD3440G2_F085 Rev. B
www.fairchildsemi.com


Similar Part No. - FGD3440G2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGD3440G2-F085 ONSEMI-FGD3440G2-F085 Datasheet
1Mb / 9P
   EcoSPARK®2 335mJ, 400V, N-Channel Ignition IGBT
August-2017, Rev.3
FGD3440G2-F085V ONSEMI-FGD3440G2-F085V Datasheet
1,011Kb / 8P
   EcoSPARK 2 N-Channel Ignition IGBT 335 mJ, 400 V
October, 2020 - Rev. 3
More results

Similar Description - FGD3440G2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGB3440G2-F085 ONSEMI-FGB3440G2-F085 Datasheet
1Mb / 9P
   EcoSPARK®2 335mJ, 400V, N-Channel Ignition IGBT
August-2017, Rev.3
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
HGTP14N40F3VL FAIRCHILD-HGTP14N40F3VL Datasheet
147Kb / 7P
   330mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com