Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FGB3236 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FGB3236
Description  FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FGB3236 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FGB3236_F085 / FGI3236_F085 Rev. A
www.fairchildsemi.com
5
Figure 7.
01
234
0
10
20
30
40
50
TJ = 175
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Collector to Emitter On-State Voltage
vs. Collector Current
Figure 8.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
TJ = -40oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VCE = 5V
VGE, GATE TO EMITTER VOLTAGE (V)
Transfer Characteristics
Figure 9.
25
50
75
100
125
150
175
0
10
20
30
40
50
TC, CASE TEMPERATURE(
oC)
VGE = 4.0V
DC Collector Current vs. Case
Temperature
Figure 10. Threshold Voltage vs. Junction
Temperature
-50 -25
0
25
50
75 100 125 150 175
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCE = VGE
ICE = 1mA
TJ, JUNCTION TEMPERATURE(oC)
Figure 11.
-50 -25
0
25
50
75 100 125 150 175
0.1
1
10
100
1000
10000
50000
V
CES = 250V
V
CES = 300V
V
ECS = 24V
TJ, JUNCTION TEMPERATURE (
oC)
Leakage Current vs. Junction
Temperature
Figure 12.
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
Resistive t
ON
Inductive t
OFF
Resistive t
OFF
T
J, JUNCTION TEMPERATURE (
oC)
I
CE = 6.5A, VGE = 5V, RG = 1K
Switching Time vs. Junction
Temperature
Typical Performance Curves (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn