Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FGB3236 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FGB3236
Description  FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FGB3236 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FGB3236_F085 / FGI3236_F085 Rev. A
www.fairchildsemi.com
4
Typical Performance Curves
Figure 1. Self Clamped Inductive Switching
Current vs. Time in Clamp
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
SCIS Curves valid for Vclamp Voltages of <410V
T
J = 150
oC
T
J = 25
oC
tCLP, TIME IN CLAMP (µS)
R
G = 1K, VGE = 5V
Figure 2.
0246
8
10
0
5
10
15
20
25
30
35
SCIS Curves valid for Vclamp Voltages of <410V
T
J = 150
oC
T
J = 25
oC
L, INDUCTANCE (mHy)
R
G = 1K, VGE = 5V
Self Clamped Inductive Switching
Current vs. Inductance
Figure 3.
-75 -50 -25
0
25
50
75 100 125 150 175
1.00
1.05
1.10
1.15
1.20
1.25
I
CE = 6A
V
GE = 8V
V
GE = 5V
V
GE = 4.5V
V
GE = 4.0V
V
GE = 3.7V
TJ, JUNCTION TEMPERTURE (
oC)
Collector to Emitter On-State Voltage
vs. Junction Temperature
Figure 4.
-75 -50 -25
0
25
50
75 100 125 150 175
1.20
1.25
1.30
1.35
1.40
1.45
I
CE = 10A
V
GE = 8V
V
GE = 5V
V
GE = 4.5V
V
GE = 4.0V
V
GE = 3.7V
T
J, JUNCTION TEMPERTURE (
oC)
Collector to Emitter On-State Voltage
vs. Junction Temperature
Figure 5.
01
234
0
10
20
30
40
50
TJ = -40
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
Collector to Emitter On-State Voltage
vs. Collector Current
Figure 6. Collector to Emitter On-State Voltage
vs. Collector Current
01
234
0
10
20
30
40
50
TJ = 25
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn