Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS2672 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS2672
Description  N-Channel UltraFET Trench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2672 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS2672_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS2672_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS2672_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS2672_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS2672_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS2672_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS2672
_F085 Rev. A
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1. On Region Characteristics
01
234
0
10
20
30
40
50
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VGS = 4.5V
VGS = 5V
VGS = 6V
VGS = 10V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
Figure 2. Normalized
0
5
10
15
20
25
30
35
40
45
50
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 4.5V
VGS = 5V
VGS = 6V
VGS = 10V
ID, DRAIN CURRENT(A)
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
On-Resistance vs Drain
Current and Gate Voltage
Figure 3.
-50
-25
0
25
50
75
100
125
150
0.4
1.0
1.6
2.2
2.8
ID = 3.9A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
Normalized On Resistance vs Junction
Temperature
Figure 4.
3.0
4.5
6.0
7.5
9.0
40
60
80
100
120
140
160
180
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 150oC
TJ = 25oC
ID = 3.9A
VGS, GATE TO SOURCE VOLTAGE (V)
10
On-Resistance vs Gate to Source
Voltage
Figure 5. Transfer Characteristics
23
45
6
0
5
10
15
20
25
30
VDD = 10V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = - 55oC
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
100
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode Forward
Voltage vs Source Current


Similar Part No. - FDS2672_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
More results

Similar Description - FDS2672_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS5672_0712 FAIRCHILD-FDMS5672_0712 Datasheet
541Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET
FDMS3572 FAIRCHILD-FDMS3572_07 Datasheet
521Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 80V, 22A, 16.5m?
FDS2672 FAIRCHILD-FDS2672 Datasheet
412Kb / 6P
   N-Channel UltraFET Trench짰 MOSFET 200V, 3.9A, 70m?
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
FDMC2610 FAIRCHILD-FDMC2610_12 Datasheet
620Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
FDMC2610 FAIRCHILD-FDMC2610_07 Datasheet
384Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com