Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP8870 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP8870
Description  N-Channel PowerTrench짰 MOSFET 30V, 156A, 4.1mW
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8870 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP8870_10 Datasheet HTML 1Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 2Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 3Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 4Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 5Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 6Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 7Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 8Page - Fairchild Semiconductor FDP8870_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Package current limitation is 80A.
2: Starting TJ = 25°C, L = 0.15mH, IAS = 64A, VDD = 27V, VGS = 10V.
3: Pulse width = 100s.
4
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TC = 150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
-
2.5
V
rDS(ON)
Drain to Source On Resistance
ID = 35A, VGS = 10V
-
0.0034 0.0041
ID = 35A, VGS = 4.5V
-
0.0040 0.0046
ID = 35A, VGS = 10V,
TJ = 175
oC
-
0.0051 0.0065
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
5200
-
pF
COSS
Output Capacitance
-
970
-
pF
CRSS
Reverse Transfer Capacitance
-
570
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
-
2.1
-
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 35A
Ig = 1.0mA
-
106
132
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
56
69
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
5.0
6.5
nC
Qgs
Gate to Source Gate Charge
-
15
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
10
-
nC
Qgd
Gate to Drain “Miller” Charge
-
23
-
nC
tON
Turn-On Time
VDD = 15V, ID = 35A
VGS = 4.5V, RGS = 3.3Ω
-
-
168
ns
td(ON)
Turn-On Delay Time
-
11
-
ns
tr
Rise Time
-
105
-
ns
td(OFF)
Turn-Off Delay Time
-
70
-
ns
tf
Fall Time
-
46
-
ns
tOFF
Turn-Off Time
-
-
173
ns
VSD
Source to Drain Diode Voltage
ISD = 35A
-
-
1.25
V
ISD = 15A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 35A, dISD/dt = 100A/µs
-
-
37
ns
QRR
Reverse Recovered Charge
ISD = 35A, dISD/dt = 100A/µs
-
-
21
nC
©2010 Fairchild Semiconductor Corporation
FDP8870_F085 Rev.A


Similar Part No. - FDP8870_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8870 FAIRCHILD-FDP8870_08 Datasheet
468Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP8870_F085 FAIRCHILD-FDP8870_F085 Datasheet
571Kb / 10P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDP8870_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8870 FAIRCHILD-FDP8870 Datasheet
262Kb / 10P
   N-Channel PowerTrench MOSFET 30V, 156A, 4.1m?
FDB8876 FAIRCHILD-FDB8876 Datasheet
299Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30V, 71A, 8.5mOhm
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com