Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD24AN06LA0 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD24AN06LA0
Description  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD24AN06LA0 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD24AN06LA0_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 5Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 6Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 7Page - Fairchild Semiconductor FDD24AN06LA0_11 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 5V)
Drain-Source Diode Characteristics
Notes:
1: Starting T
J = 25°C, L = 80µH, IAS = 28A.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD24AN06LA0
FDD24AN06LA0
TO-252AA
330mm
16mm
2500 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 50V
-
-
1
µA
VGS = 0V
TC = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA1
-
2
V
rDS(ON)
Drain to Source On Resistance
ID = 40A, VGS = 10V
-
0.016
0.019
ID = 36A, VGS = 5V
-
0.020
0.024
ID = 36A, VGS = 5V,
TJ = 175
oC
-
0.047
0.056
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
1850
-
pF
COSS
Output Capacitance
-
180
-
pF
CRSS
Reverse Transfer Capacitance
-
75
-
pF
Qg(TOT)
Total Gate Charge at 5V
VGS = 0V to 5V
VDD = 30V
ID = 36A
Ig = 1.0mA
16
21
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
1.8
2.4
nC
Qgs
Gate to Source Gate Charge
-
6.3
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
4.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
5.0
-
nC
tON
Turn-On Time
VDD = 30V, ID = 36A
VGS = 5V, RGS = 9.1Ω
--
195
ns
td(ON)
Turn-On Delay Time
-
12
-
ns
tr
Rise Time
-
118
-
ns
td(OFF)
Turn-Off Delay Time
-
26
-
ns
tf
Fall Time
-
41
-
ns
tOFF
Turn-Off Time
-
-
101
ns
VSD
Source to Drain Diode Voltage
ISD = 36A
-
-
1.25
V
ISD = 18A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 36A, dISD/dt = 100A/µs-
-
34
ns
QRR
Reverse Recovered Charge
ISD = 36A, dISD/dt = 100A/µs-
-
30
nC
FDD24AN06LA0_F085 Rev. C1


Similar Part No. - FDD24AN06LA0_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
More results

Similar Description - FDD24AN06LA0_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDD5810-F085 FAIRCHILD-FDD5810-F085 Datasheet
454Kb / 7P
   N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC637BNZ FAIRCHILD-FDC637BNZ Datasheet
403Kb / 6P
   N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 6.2A, 24m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com