Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB8442 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB8442
Description  N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8442 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB8442_10 Datasheet HTML 1Page - Fairchild Semiconductor FDB8442_10 Datasheet HTML 2Page - Fairchild Semiconductor FDB8442_10 Datasheet HTML 3Page - Fairchild Semiconductor FDB8442_10 Datasheet HTML 4Page - Fairchild Semiconductor FDB8442_10 Datasheet HTML 5Page - Fairchild Semiconductor FDB8442_10 Datasheet HTML 6Page - Fairchild Semiconductor FDB8442_10 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDB8442_F085 Rev. A1
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
Figure 2.
25
50
75
100
125
150
175
0
50
100
150
200
250
300
TC, CASE TEMPERATURE(oC)
V
GS = 10V
CURRENT LIMITED
BY PACKAGE
Maximum Continuous Drain Current vs
Case Temperature
Figure 3.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-3
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
10000
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Similar Part No. - FDB8442_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8442_F085 FAIRCHILD-FDB8442_F085 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB8442_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDI8441 FAIRCHILD-FDI8441_10 Datasheet
488Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.7m廓
FDP8442 FAIRCHILD-FDP8442 Datasheet
294Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
FDB8443 FAIRCHILD-FDB8443_11 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
FDP8442 FAIRCHILD-FDP8442_10 Datasheet
406Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com