Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7080M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7080M
Description  Half Bridge Gate Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7080M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7080M_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
September 2012
FAN7080_GF085 Rev. 1.0.1
FAN7080_GF085
Half Bridge Gate Driver
Features
• Qualified to AEC Q100
• Floating channel designed for bootstrap operation fully oper-
ational to + 600V
• Tolerance to negative transient voltage on VS pin
• VS-pin dv/dt immune.
• Gate drive supply range from 5.5V to 20V
• Under-voltage lockout
• CMOS Schmitt-triggered inputs with pull-down
• High side output in phase with input
• IN input is 3.3V/5V logic compatible and available on 15V
input
• Matched propagation delay for both channels
• Dead time adjustable
Typical Applications
• Junction Box
• Half and full bridge application in the motor drive system
For Fairchild’s definition of “green” Eco Status, please visit:
http://www.fairchildsemi.com/company/green/rohs_green.html
Description
The FAN7080_GF085 is a half-bridge gate drive IC with reset
input and adjustable dead time control. It is designed for high
voltage and high speed driving of MOSFET or IGBT, which
operates up to 600V. Fairchild's high-voltage process and com-
mon-mode noise cancellation technique provide stable opera-
tion in the high side driver under high-dV/dt noise
circumstances. An advanced level-shift circuit allows high-side
gate driver operation up to VS=-5V (typical) at VBS=15V. Logic
input is compatible with standard CMOS outputs. The UVLO cir-
cuits for both channels prevent from malfunction when VCC and
VBS are lower than the specified threshold voltage. Combined
pin function for dead time adjustment and reset shutdown make
this IC packaged with space saving SOIC-8 Package. Minimum
source and sink current capability of output driver is 250mA and
500mA respectively, which is suitable for junction box applica-
tion and half and full bridge application in the motor drive sys-
tem.
SOIC-8
Ordering Information
Device
Package
Operating
Temp.
FAN7080M_GF085
SOIC-8
-40
C ~ 125 C
FAN7080MX_GF085
SOIC-8
-40
C ~ 125 C
X : Tape & Reel type


Similar Part No. - FAN7080M_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7080M-GF085 FAIRCHILD-FAN7080M-GF085 Datasheet
456Kb / 17P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080M-GF085 ONSEMI-FAN7080M-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
logo
Fairchild Semiconductor
FAN7080MX FAIRCHILD-FAN7080MX Datasheet
330Kb / 17P
   Half Bridge Gate Driver
FAN7080MX-GF085 FAIRCHILD-FAN7080MX-GF085 Datasheet
456Kb / 17P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080MX-GF085 ONSEMI-FAN7080MX-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
More results

Similar Description - FAN7080M_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com