Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX096AKE Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX096AKE
Description  Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX096AKE Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX096AKE Datasheet HTML 7Page - Sony Corporation ICX096AKE Datasheet HTML 8Page - Sony Corporation ICX096AKE Datasheet HTML 9Page - Sony Corporation ICX096AKE Datasheet HTML 10Page - Sony Corporation ICX096AKE Datasheet HTML 11Page - Sony Corporation ICX096AKE Datasheet HTML 12Page - Sony Corporation ICX096AKE Datasheet HTML 13Page - Sony Corporation ICX096AKE Datasheet HTML 14Page - Sony Corporation ICX096AKE Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
– 11 –
ICX096AKE
Ylag (lag)
Y signal output 200mV
Light
FLD
V1
Strobe light
timing
Output
7. Dark signal
Measure the average value of the Y signal output (Ydt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
8. Dark signal shading
After measuring 7, measure the maximum (Ydmax [mV]) and minimum (Ydmin [mV]) values of the Y signal
output and substitute the values into the following formula.
∆Ydt = Ydmax – Ydmin [mV]
9. Flicker
1) Fy
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then measure the difference in the signal level between fields (
∆Yf [mV]). Then
substitute the value into the following formula.
Fy = (
∆Yf/200) × 100 [%]
2) Fcr, Fcb
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, insert an R or B filter, and then measure both the difference in the signal level between
fields of the chroma signal (
∆Cr, ∆Cb) as well as the average value of the chroma signal output (CAr, CAb).
Substitute the values into the following formula.
Fci = (
∆Ci/CAi) × 100 [%] (i = r, b)
10. Line crawls
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then insert a white subject and R, G, and B filters and measure the difference
between Y signal lines for the same field (
∆Ylw, ∆Ylr, ∆Ylg, ∆Ylb [mV]). Substitute the values into the
following formula.
Lci = (
∆Yli/200) × 100 [%] (i = w, r, g, b)
11. Lag
Adjust the Y signal output value generated by strobe light to 200mV. After setting the strobe light so that it
strobes with the following timing, measure the residual signal (Ylag). Substitute the value into the following
formula.
Lag = (Ylag/200)
× 100 [%]


Similar Part No. - ICX096AKE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX097AKE SONY-ICX097AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX098 SONY-ICX098 Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098 SONY-ICX098 Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX096AKE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX238AKE SONY-ICX238AKE Datasheet
182Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
ICX097AKE SONY-ICX097AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX239AKE SONY-ICX239AKE Datasheet
183Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com