Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # LM2903
Description  Dual Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM2903 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  LM2903_12 Datasheet HTML 1Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 2Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 3Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 4Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 5Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 6Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 7Page - Fairchild Semiconductor LM2903_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM2903,LM393/LM393A,LM293A
6
Mechanical Dimensions
Package
Dimensions in millimeters
C
7° TYP
7° TYP
.430 MAX
[10.92]
B
A
.400
.373
[10.15
9.46
]
.250±.005 [6.35±0.13]
.036 [0.9 TYP]
.070
.045
[1.78
1.14
]
.100
[2.54]
.300
[7.62]
.060 MAX
[1.52]
.310±.010 [7.87±0.25]
.130±.005 [3.3±0.13]
.210 MAX
[5.33]
.140
.125
[3.55
3.17
]
.015 MIN
[0.38]
.021
.015
[0.53
0.37
]
.010+.005
-.000
[0.254+0.127
-0.000
]
PIN #1
PIN #1
(.032) [R0.813]
(.092) [Ø2.337]
TOP VIEW
OPTION 1
TOP VIEW
OPTION 2
.001[.025]
C
N08EREVG
C. DOES NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
DAMBAR PROTRUSIONS SHALL NOT EXCEED
D. DOES NOT INCLUDE DAMBAR PROTRUSIONS.
B. CONTROLING DIMENSIONS ARE IN INCHES
A. CONFORMS TO JEDEC REGISTRATION MS-001,
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED
VARIATIONS BA
E. DIMENSIONING AND TOLERANCING
NOTES:
REFERENCE DIMENSIONS ARE IN MILLIMETERS
.010 INCHES OR 0.25MM.
.010 INCHES OR 0.25MM.
PER ASME Y14.5M-1994.
8-DIP


Similar Part No. - LM2903_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903-N TI-LM2903-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903-N TI1-LM2903-N Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903-Q1 TI-LM2903-Q1 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903-Q1 TI-LM2903-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2903_12

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com