Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX089AK Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX089AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX089AK Datasheet(HTML) 1 Page - Sony Corporation

  ICX089AK Datasheet HTML 1Page - Sony Corporation ICX089AK Datasheet HTML 2Page - Sony Corporation ICX089AK Datasheet HTML 3Page - Sony Corporation ICX089AK Datasheet HTML 4Page - Sony Corporation ICX089AK Datasheet HTML 5Page - Sony Corporation ICX089AK Datasheet HTML 6Page - Sony Corporation ICX089AK Datasheet HTML 7Page - Sony Corporation ICX089AK Datasheet HTML 8Page - Sony Corporation ICX089AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
– 1 –
ICX089AK
E97710A99
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Description
The ICX089AK is an interline CCD solid-state
image sensor suitable for PAL color digital video
cameras. This chip supports DV standard SD mode,
and can drive at 13.5MHz.
High sensitivity, wide dynamic range and low dark
current are achieved through the adoption of Super
HAD CCD technology. In addition, high resolution is
achieved through the adoption of Ye, Cy, Mg and G
complementary color mosaic filters.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
The package is a 14-pin DIP (Plastic), and both
top and bottom surface reference can be assured at
the same time.
Features
• Supports DV standard SD mode (13.5MHz)
• High resolution, high sensitivity and wide dynamic range
• Low dark current and low smear
• Excellent antiblooming characteristics
• Supply voltage:
12V
• Horizontal register drive amplitude:
2.7 to 3.6V
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm
• Ye, Cy, Mg and G complementary color mosaic filters on chip
• 14-pin high precision plastic package (both top and bottom surface reference possible)
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 4.5mm (Type 1/4)
• Total number of pixels:
766 (H)
× 596 (V)
approx. 460K pixels
• Total number of effective pixels:
724 (H)
× 582 (V)
approx. 420K pixels
• Chip size:
4.60mm (H)
× 3.97mm (V)
• Unit cell size:
5.15µm (H)
× 4.70µm (V)
• Optical black:
Horizontal (H) direction: Front 2 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 20
Vertical 1 (even fields only)
• Substrate material:
Silicon
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
14 pin DIP (Plastic)
Pin 1
V
2
40
2
12
Pin 8
H
Optical black position
(Top View)
Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing
newly developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn