Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX089AK Datasheet(PDF) 6 Page - Sony Corporation

Part No. ICX089AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX089AK Datasheet(HTML) 6 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
– 6 –
ICX089AK
twh
tf
tr
90%
10%
VHL
twl
H
φ1
two
H
φ2
VRGL
VRGLL
VRGLH
twl
VRGH
RG waveform
VRGLm
tr
twh
tf
VCR
Point A
(3) Horizontal transfer clock waveform
Cross-point voltage for the H
φ1 rising side of the horizontal transfer clocks Hφ1 and Hφ2 waveforms is VCR.
The overlap period for twh and twl of horizontal transfer clocks H
φ1 and Hφ2 is two.
(4) Reset gate clock waveform
V
φH
V
φH
2
V
φRG
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from
Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and
VRGLL.
VRGL = (VRGLH + VRGLL) /2
Assuming VRGH is the minimum value during the interval twh, then:
V
φRG = VRGH – VRGL.
Negative overshoot level during the falling edge of RG is VRGLm.
(5) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
(A bias generated within the CCD)
V
φSUB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn