Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX089AK Datasheet(PDF) 3 Page - Sony Corporation

Part No. ICX089AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX089AK Datasheet(HTML) 3 Page - Sony Corporation

  ICX089AK Datasheet HTML 1Page - Sony Corporation ICX089AK Datasheet HTML 2Page - Sony Corporation ICX089AK Datasheet HTML 3Page - Sony Corporation ICX089AK Datasheet HTML 4Page - Sony Corporation ICX089AK Datasheet HTML 5Page - Sony Corporation ICX089AK Datasheet HTML 6Page - Sony Corporation ICX089AK Datasheet HTML 7Page - Sony Corporation ICX089AK Datasheet HTML 8Page - Sony Corporation ICX089AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
ICX089AK
Clock Voltage Conditions
Item
Readout clock voltage
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGLH – VRGLL
VRGL – VRGLm
V
φSUB
11.64
–0.05
–0.2
–6.85
5.95
–0.25
–0.25
2.7
–0.05
2.7
17.3
12.0
0
0
–6.5
6.5
3.3
0
3.3
18.5
12.36
0.05
0.05
–6.15
6.9
0.1
0.1
0.3
0.3
0.3
0.3
3.6
0.05
3.6
0.4
0.5
19.3
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
2
3
3
4
4
4
5
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Low-level coupling
Low-level coupling
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Vertical transfer clock
voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
Bias Conditions
Item
Supply voltage
Protective transistor bias
Substrate clock
Reset gate clock
VDD
VL
φSUB
φRG
11.64
12.0
1
2
2
12.36
V
Symbol
Min.
Typ.
Max.
Unit
Remarks
DC Characteristics
Item
Supply current
IDD
5.0
mA
Symbol
Min.
Typ.
Max.
Unit
Remarks
1 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL
power supply for the V driver should be used.
2 Do not apply a DC bias to the substrate clock and reset gate clock pins, because a DC bias is generated
within the CCD.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn