Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX089AK Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX089AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX089AK Datasheet(HTML) 2 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
– 2 –
ICX089AK
Against
φSUB
Against GND
Against VL
Between input clock
pins
Storage temperature
Operating temperature
Block Diagram and Pin Configuration
(Top View)
Note)
: Photo sensor
Horizontal Register
Ye
Ye
G
Mg
Ye
G
Ye
Ye
G
Mg
Ye
G
Cy
Cy
Mg
G
Cy
Mg
Cy
Cy
Mg
G
Cy
Mg
Note)
2
3
4
5
6
7
8
9
10
11
12
13
14
1
Pin No.
1
2
3
4
5
6
7
V
φ4
V
φ3
V
φ2
V
φ1
VL
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Protective transistor bias
GND
Signal output
8
9
10
11
12
13
14
VDD
GND
φSUB
CSUB
φRG
H
φ1
H
φ2
Supply voltage
GND
Substrate clock
Substrate bias ∗1
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Symbol
Description
Pin Description
Absolute Maximum Ratings
–40 to +8
–50 to +15
–50 to +0.3
–40 to +0.3
–25 to
–0.3 to +18
–10 to +18
–10 to +5
–0.3 to +28
–0.3 to +15
to +15
–5 to +5
–13 to +13
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
VDD, VOUT,
φRG – φSUB
V
φ1, Vφ3 – φSUB
V
φ2, Vφ4, VL – φSUB
H
φ1, Hφ2, GND – φSUB
CSUB
φSUB
VDD, VOUT,
φRG, CSUB – GND
V
φ1, Vφ2, Vφ3, Vφ4 – GND
H
φ1, Hφ2 – GND
V
φ1, Vφ3 – VL
V
φ2, Vφ4, Hφ1, Hφ2, GND – VL
Voltage difference between vertical clock input pins
H
φ1 – Hφ2
H
φ1, Hφ2 – Vφ4
Item
Ratings
Unit Remarks
2 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
1 DC bias is generated within the CCD, so that this pin should be grounded externally through a capacitance
of 0.1µF.
2
Pin No. Symbol
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn