Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX089AK Datasheet(PDF) 17 Page - Sony Corporation

Part No. ICX089AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX089AK Datasheet(HTML) 17 Page - Sony Corporation

Back Button ICX089AK Datasheet HTML 10Page - Sony Corporation ICX089AK Datasheet HTML 11Page - Sony Corporation ICX089AK Datasheet HTML 12Page - Sony Corporation ICX089AK Datasheet HTML 13Page - Sony Corporation ICX089AK Datasheet HTML 14Page - Sony Corporation ICX089AK Datasheet HTML 15Page - Sony Corporation ICX089AK Datasheet HTML 16Page - Sony Corporation ICX089AK Datasheet HTML 17Page - Sony Corporation ICX089AK Datasheet HTML 18Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
– 17 –
ICX089AK
c) The adhesive may cause the marking on the rear surface to disappear, especially in case the regulated
voltage value is indicated on the rear surface. Therefore, the adhesive should not be applied to this area,
and indicated values should be transferred to the other locations as a precaution.
d) The notch of the package is used for directional index, and that can not be used for reference of fixing.
In addition, the cover glass and seal resin may overlap with the notch of the package.
e) If the lead bend repeatedly and the metal, etc., clash or rub against the package, the dust may be
generated by the fragments of resin.
f) Acrylate anaerobic adhesives are generally used to attach CCD image sensors. In addition, cyano-
acrylate instantaneous adhesives are sometimes used jointly with acrylate anaerobic adhesives. (reference)
5) Others
a) Do not expose to strong light (sun rays) for long periods, color filters will be discolored. When high
luminance objects are imaged with the exposure level control by electronic-iris, the luminance of the
image-plane may become excessive and discolor of the color filter will possibly be accelerated. In such a
case, it is advisable that taking-lens with the automatic-iris and closing of the shutter during the power-off
mode should be properly arranged. For continuous using under cruel condition exceeding the normal
using condition, consult our company.
b) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.
c) The brown stain may be seen on the bottom or side of the package. But this does not affect the CCD
characteristics.
d) This package has 2 kinds of internal structure. However, their package outline, optical size, and strength
are the same.
The cross section of lead frame can be seen on the side of the package for structure A.
Structure A
Structure B
Chip
Metal plate
(lead frame)
Package
Cross section of
lead frame


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn