Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB20MUX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSUSB20MUX
Description  Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20MUX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSUSB20MUX_12 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20MUX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB20 • Rev. 1.0.3
4
DC Electrical Characteristics
Typical values are at VCC = 3.0V and TA = 25°C.
Symbol
Parameter
Condition
VCC (V)
TA=-40 to +85°C
Unit
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN = -18mA
3.0
-1.2
V
VIH
High-Level Input Voltage
3.0 to 3.6
2.0
V
VIL
Low-Level Input Voltage
3.0 to 3.6
0.8
V
IIN
Input Leakage Current
0
≤ VIN ≤ 3.6V
3.6
±1.0
µA
IOFF
Off-State Leakage Current 0
≤ A, B ≤ VCC
3.6
±1.0
µA
RON
Switch On Resistance
(3)
VIN = 0.8V, ION = 8mA
3.0
5
7
Ω
VIN = 3.0V, ION = 8mA
3.0
4.5
6.5
ΔRON
Delta RON
VIN = 0.8V, VIN = 0V - 1.5V,
ION = 8mA
3.0
0.3
Ω
RFLAT(ON)
On Resistance Flatness
(4)
IOUT = 8mA
3.0
1
Ω
ICC
Quiescent Supply Current
VIN = VCC or GND,
IOUT = 0
3.6
1
µA
Notes:
3.
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the A or B pins.
4.
Flatness is defines as the difference between the maximum and the minimum value on resistance over the
specified range of conditions.


Similar Part No. - FSUSB20MUX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20MUX FAIRCHILD-FSUSB20MUX Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results

Similar Description - FSUSB20MUX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com