Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB11L10X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSUSB11L10X
Description  Low-Power, Full-Speed (12Mbps) Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11L10X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSUSB11L10X_09 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB11L10X_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 • Rev. 1.0.4
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.0
V
VS
Switch Voltage
-0.5
VCC + 0.5
V
VIN
Input Voltage
(1)
-0.5
6.0
V
IIK
Input Diode Current
-50
mA
ISW
Switch Current
200
mA
ISWPEAK
Peak Switch Current
(Pulsed at 1ms Duration, <10% Duty Cycle)
400
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
°C
ESD
Human Body Model, JESD22-A114
8
kV
Note
:
1.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply
1.65
5.50
V
VIN
Control Input Voltage
(2)
0
VCC
VCC
VSW
Switch Input Voltage
0
VCC
VCC
TA
Operating Temperature
-40
+85
°C
Note
:
2.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - FSUSB11L10X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB11L10X FAIRCHILD-FSUSB11L10X Datasheet
609Kb / 7P
   Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer
FSUSB11L10X FAIRCHILD-FSUSB11L10X Datasheet
1Mb / 13P
   Low-Power Full-Speed USB (12Mbps) Switch
logo
ON Semiconductor
FSUSB11L10X ONSEMI-FSUSB11L10X Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
More results

Similar Description - FSUSB11L10X_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB11 ONSEMI-FSUSB11 Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_06 Datasheet
1Mb / 13P
   Low-Power Full-Speed USB (12Mbps) Switch
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
logo
Agere Systems
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
logo
Vishay Siliconix
DG5143 VISHAY-DG5143 Datasheet
41Kb / 3P
   Low-Power, High-Speed CMOS Analog Switch
Rev. B, 28-Apr-97
logo
Analog Devices
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com