Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX087AK Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX087AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX087AK Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The ICX087AK is an interline CCD solid-state image
sensor suitable for PAL color video cameras. High
sensitivity is achieved through the use of Ye, Cy, Mg,
and G complementary color mosaic filters and through
the adoption of HAD (Hole-Accumulation Diode)
sensors.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
The package is a 10mm-square 14-pin DIP (Plastic).
Features
• High sensitivity and low dark current
• Horizontal register:
3.3 to 5.0V drive
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 4.5mm (Type 1/4)
• Number of effective pixels:
500 (H)
× 582 (V) approx. 290K pixels
• Total number of pixels:
537 (H)
× 597 (V) approx. 320K pixels
• Chip size:
4.47mm (H)
× 3.80mm (V)
• Unit cell size:
7.3µm (H)
× 4.7µm (V)
• Optical black:
Horizontal (H) direction: Front 7 pixels, rear 30 pixels
Vertical (V) direction:
Front 14 pixels, rear 1 pixel
• Number of dummy bits:
Horizontal 16
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX087AK
E94823D99
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Optical black position
(Top View)
14 pin DIP (Plastic)
Pin 1
V
7
30
1
14
Pin 8
H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn