Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX087AK Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX087AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX087AK Datasheet(HTML) 2 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
– 2 –
ICX087AK
1
5
6
7
9
10
11
13
Note)
Note)
: Photo sensor
Horizontal Register
2
3
4
12
Cy
Mg
14
Ye
Cy
Mg
Ye
G
G
8
Cy
Mg
Ye
Cy
Mg
Ye
G
G
Cy
Mg
Ye
Cy
Mg
Ye
G
G
Substrate clock
φSUB – GND
Supply voltage
Clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
H
φ1, Hφ2 – GND
H
φ1, Hφ2 – φSUB
VL
φSUB
V
φ1, Vφ3, VDD, VOUT – VL
RG – GND
V
φ2, Vφ4, Hφ1, Hφ2, GND – VL
Storage temperature
Operating temperature
Block Diagram and Pin Configuration
(Top View)
Pin No.
1
2
3
4
5
6
7
V
φ4
V
φ3
V
φ2
V
φ1
NC
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
Signal output
8
9
10
11
12
13
14
VDD
GND
φSUB
VL
RG
H
φ1
H
φ2
Supply voltage
GND
Substrate clock
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Symbol
Description
Pin No.
Description
Pin Description
Absolute Maximum Ratings
–0.3 to +40
–0.3 to +18
–30 to +9
–15 to +16
to +10
to +15
to +16
–16 to +16
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +27.5
–0.3 to +20.5
–0.3 to +17.5
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
VDD, VOUT – GND
VDD, VOUT
φSUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
V
φ1, Vφ2, Vφ3, Vφ4 – φSUB
Item
Ratings
Unit
Remarks
1 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Symbol


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn