Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA3200 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSA3200
Description  Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3200 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSA3200 Datasheet HTML 2Page - Fairchild Semiconductor FSA3200 Datasheet HTML 3Page - Fairchild Semiconductor FSA3200 Datasheet HTML 4Page - Fairchild Semiconductor FSA3200 Datasheet HTML 5Page - Fairchild Semiconductor FSA3200 Datasheet HTML 6Page - Fairchild Semiconductor FSA3200 Datasheet HTML 7Page - Fairchild Semiconductor FSA3200 Datasheet HTML 8Page - Fairchild Semiconductor FSA3200 Datasheet HTML 9Page - Fairchild Semiconductor FSA3200 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3200 • Rev. 1.0.8
6
AC Electrical Characteristics
All typical value are for VCC=3.3 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
tON
Turn-On Time,
SELn to Output
RL=50 Ω, CL=5 pF,
VSW(USB)=0.8 V,
VSW(MDV)=3.3 V,
Figure 6, Figure 7
2.7 to 3.6
445
600
ns
tOFF
Turn-Off Time,
SELn to Output
RL=50 Ω, CL=5 pF,
VSW(USB)=0.8 V, VSW(MDV)=3.3V,
Figure 6, Figure 7
2.7 to 3.6
125
300
ns
tPD
Propagation Delay
(10)
CL=5 pF, RL=50 Ω,
Figure 6, Figure 8
2.7 to 3.6
0.25
ns
tBBM
Break-Before-Make
(10)
RL=50 Ω, CL=5 pF,
VID=VMDV=3.3 V, VUSB=0.8 V,
Figure 10
2.7 to 3.6
2.0
13
ns
OIRR(MDV)
Off Isolation
(10)
VS=1 Vpk-pk, RL=50 Ω,
f=240 MHz, Figure 12
2.7 to 3.6
-45
dB
OIRR(USB)
VS=400m Vpk-pk, RL=50Ω,
f=240MHz, Figure 12
2.7 to 3.6
-38
dB
XtalkMDV
Non-Adjacent Channel
(10)
Crosstalk
VS=1 Vpk-pk, RL=50 Ω,
f=240 MHz, Figure 13
2.7 to 3.6
-44
dB
XtalkUSB
VS=400 mVpk-pk, RL=50 Ω,
f=240 MHz, Figure 13
2.7 to 3.6
-39
dB
BW
Differential -3 db
Bandwidth
(10)
VIN=1 Vpk-pk, MDV Path,
RL=50 Ω, CL=0 pF,
Figure 11, Figure 16
2.7 to 3.6
2.34
GHz
VIN=400 mVpk-pk, USB Path,
RL=50 Ω, CL=0 pF,
Figure 11, Figure 17
1.59
ID Path, RL=50 Ω, CL=0 pF,
Figure 11
100
MHz
Note:
10. Guaranteed by characterization.


Similar Part No. - FSA3200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
FSA3200UMX ONSEMI-FSA3200UMX Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
More results

Similar Description - FSA3200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
   Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
   High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
logo
ON Semiconductor
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
   High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
   Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
logo
Will Semiconductor Ltd.
WAS4731Q WILLSEMI-WAS4731Q Datasheet
497Kb / 9P
   3:1 High speed (-3dB bandwidth 1.8GHz) Switch with Mobile High-Definition Link (MHL)
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
logo
Fairchild Semiconductor
FSA3000 FAIRCHILD-FSA3000 Datasheet
1Mb / 11P
   Two-Port, High-Speed, MHL??Switch
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com