Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX086AK Datasheet(PDF) 17 Page - Sony Corporation

Part # ICX086AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX086AK Datasheet(HTML) 17 Page - Sony Corporation

Back Button ICX086AK Datasheet HTML 10Page - Sony Corporation ICX086AK Datasheet HTML 11Page - Sony Corporation ICX086AK Datasheet HTML 12Page - Sony Corporation ICX086AK Datasheet HTML 13Page - Sony Corporation ICX086AK Datasheet HTML 14Page - Sony Corporation ICX086AK Datasheet HTML 15Page - Sony Corporation ICX086AK Datasheet HTML 16Page - Sony Corporation ICX086AK Datasheet HTML 17Page - Sony Corporation ICX086AK Datasheet HTML 18Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
– 17 –
ICX086AK
c) The adhesive may cause the marking on the rear surface to disappear, especially in case the regulated
voltage value is indicated on the rear surface. Therefore, the adhesive should not be applied to this area,
and indicated values should be transferred to the other locations as a precaution.
d) The notch of the package is used for directional index, and that can not be used for reference of fixing.
In addition, the cover glass and seal resin may overlap with the notch of the package.
e) If the lead bend repeatedly and the metal, etc., clash or rub against the package, the dust may be
generated by the fragments of resin.
f) Acrylate anaerobic adhesives are generally used to attach CCD image sensors. In addition, cyano-
acrylate instantaneous adhesives are sometimes used jointly with acrylate anaerobic adhesives. (reference)
5) Others
a) Do not expose to strong light (sun rays) for long periods, color filters will be discolored. When high
luminance objects are imaged with the exposure level control by electronic-iris, the luminance of the
image-plane may become excessive and discolor of the color filter will possibly be accelerated. In such a
case, it is advisable that taking-lens with the automatic-iris and closing of the shutter during the power-off
mode should be properly arranged. For continuous using under cruel condition exceeding the normal
using condition, consult our company.
b) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.
c) The brown stain may be seen on the bottom or side of the package. But this does not affect the CCD
characteristics.
d) This package has 2 kinds of internal structure. However, their package outline, optical size, and strength
are the same.
The cross section of lead frame can be seen on the side of the package for structure A.
Structure A
Structure B
Chip
Metal plate
(lead frame)
Package
Cross section of
lead frame


Similar Part No. - ICX086AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX086AK SONY-ICX086AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX086AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX278AK SONY-ICX278AK Datasheet
203Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX228AK SONY-ICX228AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com