Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA3000 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL??Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3000 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSA3000 Datasheet HTML 3Page - Fairchild Semiconductor FSA3000 Datasheet HTML 4Page - Fairchild Semiconductor FSA3000 Datasheet HTML 5Page - Fairchild Semiconductor FSA3000 Datasheet HTML 6Page - Fairchild Semiconductor FSA3000 Datasheet HTML 7Page - Fairchild Semiconductor FSA3000 Datasheet HTML 8Page - Fairchild Semiconductor FSA3000 Datasheet HTML 9Page - Fairchild Semiconductor FSA3000 Datasheet HTML 10Page - Fairchild Semiconductor FSA3000 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.0.4
10
Physical Dimensions
Figure 18. 10-Lead, MicroPak
TM 1.6 x 2.1 mm JEDEC MO255B
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
2X
2X
NOTES:
A. PACKAGE CONFORMS TO JEDEC
REGISTRATION MO-255, VARIATION UABD .
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. PRESENCE OF CENTER PAD IS PACKAGE
SUPPLIER DEPENDENT. IF PRESENT IT
IS NOT INTENDED TO BE SOLDERED AND
HAS A BLACK OXIDE FINISH.
E. DRAWING FILENAME: MKT-MAC10Arev5.
0.10 C
0.10 C
0.10
CA B
0.05
C
PIN1 IDENT IS
2X LONGER THAN
OTHER LINES
A
B
C
0.35
0.25
9X
9X
14
9
6
0.25
0.15
10
5
0.50
0.56
1.62
0.05
0.00
0.05 C
0.55 MAX
0.05 C
1.60
2.10
(0.35)
(0.25)
0.50
10X
10X
(0.11)
1.12
1.62
KEEPOUT ZONE, NO TRACES
OR VIAS ALLOWED
(0.20)
(0.15)
0.35
0.25
0.35
0.25
DETAIL A
DETAIL A 2X SCALE
0.35
0.25
0.65
0.55
D
ALL FEATURES
(0.36)
(0.29)
0.56


Similar Part No. - FSA3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
FSA3000L10X ONSEMI-FSA3000L10X Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
More results

Similar Description - FSA3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
logo
Fairchild Semiconductor
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3341 FAIRCHILD-FSA3341 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??Switch
logo
ON Semiconductor
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
   Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3041 FAIRCHILD-FSA3041 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??/ Audio / UART Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
FSUSB42 ONSEMI-FSUSB42 Datasheet
584Kb / 10P
   Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com