Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX085 Datasheet(PDF) 14 Page - Sony Corporation

Part # ICX085
Description  Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX085 Datasheet(HTML) 14 Page - Sony Corporation

Back Button ICX085 Datasheet HTML 10Page - Sony Corporation ICX085 Datasheet HTML 11Page - Sony Corporation ICX085 Datasheet HTML 12Page - Sony Corporation ICX085 Datasheet HTML 13Page - Sony Corporation ICX085 Datasheet HTML 14Page - Sony Corporation ICX085 Datasheet HTML 15Page - Sony Corporation ICX085 Datasheet HTML 16Page - Sony Corporation ICX085 Datasheet HTML 17Page - Sony Corporation ICX085 Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
– 14 –
ICX085AK
Wave Length [nm]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
400
500
600
700
R
G
B
Spectral Sensitivity Characteristics
(Includes lens characteristics, excludes light source characteristics)


Similar Part No. - ICX085

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX085 SONY-ICX085 Datasheet
211Kb / 20P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX085

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com