Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2267L10X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA2267L10X
Description  0.35??Low-Voltage Dual-SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2267L10X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA2267L10X Datasheet HTML 1Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 2Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 3Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 4Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 5Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 6Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 7Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 8Page - Fairchild Semiconductor FSA2267L10X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
March 2012
FSA2267 / FSA2267A Rev. 1.0.5
FSA2267 / FSA2267A
0.35
 Low-Voltage Dual-SPDT Analog Switch
Features
?
Typical 0.35
 On Resistance (R
ON) for +2.7V Supply
?
FSA2267A Features <10µA ICCT Current
when S Input is Lower than VCC
?
RON Fatness for +2.7V Supply: 0.25 Maximum
?
1.6mm x 2.1mm 10-Lead MicroPak™ Package
?
Broad VCC Operating Range
?
Low THD (0.02% Typical for 32
Load)
?
High Current Handling Capability (350mA Continuous
Current <3.3V Supply)
Applications
?
Cell phone
?
PDA
?
Portable Media Player
Description
The FSA2267 and FSA2267A are Dual Single Pole Dou-
ble Throw (SPDT) analog switches. The FSA2267 oper-
ates from a single 1.65V to 3.6V supply, while the
FSA2267A operates from a single 2.3V to 4.3V supply.
Each features an ultra-low On Resistance of 0.35
 at a
+2.7V supply and 25°C. Both devices are fabricated with
sub-micron CMOS technology to achieve fast switching
speeds and designed for break-before-make operation.
FSA2267A features very low quiescent current, even
when the control voltage is lower than the VCC supply.
This feature services the mobile handset applications
very well, allowing for the direct interface with baseband
processor general-purpose I/Os.
Ordering Information
.
Figure 1. Application Diagram
Order Number
Top Mark
Package Description
Packing Method
FSA2267L10X
FC
10-Lead MicroPak, 1.6 x 2.1mm, JEDEC MO-255
5000 Units on Tape
and Reel
FSA2267AL10X
FD
10-Lead MicroPak, 1.6 x 2.1mm, JEDEC MO-255
5000 Units on Tape
and Reel
FSA2267AMUX
FSA
2267A
10-Lead Molded Small Outline Package (MSOP),
JEDEC MO-187, 3.0mm Wide
4000 Units on Tape
and Reel


Similar Part No. - FSA2267L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267L10X FAIRCHILD-FSA2267L10X Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
FSA2267L10X FAIRCHILD-FSA2267L10X Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
FSA2267L10X ONSEMI-FSA2267L10X Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
More results

Similar Description - FSA2267L10X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com