Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA2267 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FSA2267
Description  0.35 Low-Voltage Dual-SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSA2267 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267A Rev. 1.0.5
4
ESD Protection
ESD Performance of the FSA2267/FSA2267A
FSA2267
?
HBM all pins 7.0kV
?
CDM all pins 1.0kV
FSA2267A
?
HBM all pins 7.5kV
?
CDM all pins 1.0kV
Human Body Model
Figure 5 shows the schematic representation of the
Human Body Model ESD event. Figure 6 is the ideal
waveform representation of the Human Body Model. The
device is tested to JEDEC: JESD22-A114 Human Body
Model.
Charged Device Model
In manufacturing test and handling environments, a
more useful model is the Charged Device Model and the
FSA2267/FSA2267A has a very good ESD immunity to
this model. The device is tested to JEDEC: JESD22-
C101 Charged Device Model.
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment and evaluates the
equipment in its entirety for ESD immunity. Fairchild
Semiconductor has evaluated this device using the
IEC 6100-4-2 representative system model depicted in
Figure 7.
ESD values measured via the IEC 61000-4-2 evaluation
method are influenced by the specific board layout,
board size, and many other factors of the manufacturer’s
product application. Measured system ESD values can-
not be guaranteed by Fairchild Semiconductor to exactly
correlate to a manufacturer’s in-house testing due to
these application environment variables. Fairchild Semi-
conductor has been able to determine that, for ultra-por-
table applications, an enhanced ESD immunity, relative
to the IEC 61000-4-2 specification, can be achieved with
the inclusion of a 100
series resistor in the V
CC supply
path to the analog switch (see Figure 8). Typical
improvements of between 3-6kV of ESD immunity (I/O to
GND) have been measured with the inclusion of the
resistor with the IEC 61000-4-2 representative model.
For more information on ESD testing methodologies,
please refer to:
AN-6019 Fairchild Analog Switch Products ESD Test
Methodology Overview
http://www.fairchildsemi.com/an/AN/AN-6019.pdf.
Additional ESD Test Conditions
For information regarding test methodologies and perfor-
mance levels, please contact Fairchild Semiconductor.
Figure 5. Human Body ESD Test Model
Figure 6. HBM Current Waveform
Figure 7. IEC 61000-4-2 ESD Test Model
Figure 8. ESD Immunity with 100
Resistor
1B0
1B1
2B0
2B1
1A
1S
2A
2S
ESD Event
100
Analog Switch Supply Rail
Ultra-portable Connector
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn