Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA1256AL8X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSA1256AL8X
Description  Low-RON Low-Voltage, Dual SPDT Analog Switch with Low-ICCT ?쏛??Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1256AL8X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSA1256AL8X Datasheet HTML 1Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 2Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 3Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 4Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 5Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 6Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 7Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 8Page - Fairchild Semiconductor FSA1256AL8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA1256(A) / FSA1257(A) / FSA1258(A) Rev. 1.0.6
5
AC Electrical Characteristics
All typical values are at 25ºC unless otherwise specified. The 1.65V to 1.95V range applies to FSA1256, FSA1257,
and FSA1258 only.
Symbol
Parameter
Conditions
VCC (V)
TA=+25ºC
TA=-40 to
+85°C
Unit
Figure
Min.
Typ.
Max.
Min.
Max.
tON
Turn-On Time
(7)
1B or 2B=3.0V,
RL=50Ω, CL=35pF
4.5 to 5.5
10
35
40
ns
8
1B or 2B=1.5V,
RL=50Ω, CL=35pF
2.7 to 3.6
15
50
60
1B or 2B=1.0V
RL=50Ω, CL=35pF
1.65 to
1.95
35
110
120
tOFF
Turn-Off Time
(7)
1B or 2B=3.0V,
RL=50Ω, CL=35pF
4.5 to 5.5
4
15
20
ns
8
1B or 2B=1.5V,
RL=50Ω, CL=35pF
2.7 to 3.6
8
20
30
1B or 2B=1.0V
RL=50Ω, CL=35pF
1.65 to
1.95
10
30
40
tBBM
Break-Before-
Make Time
(7)
1B or 2B=3.0V,
RL=50Ω, CL=35pF
4.5 to 5.5
7
ns
9
1B or 2B=1.5V,
RL=50Ω, CL=35pF
2.7 to 3.6
12
Q
Charge
Injection
(7)
CL=1.0nF,
VGEN=0V, RGEN=0Ω
4.5 to 5.5
20
pC
13
2.7 to 3.6
10
1.65 to
1.95
5
OIRR
Off Isolation
(7)
f=1MHz, RL=50Ω,
1.65 to 5.5
-70
dB
11
Xtalk
Crosstalk
(7)
f=1MHz, RL=50Ω,
1.65 to 4.3
-100
dB
12
BW
-3db Bandwidth
(7) RL=50Ω
1.65 to 4.3
300
MHz
10
THD
Total Harmonic
Distortion
(7)
f=20Hz to 20kHz,
RL=600,
VIN=0.5VPP
1.65 to 4.3
0.002
%
16
Notes:
7.
Guaranteed, but not tested for Vcc=1.65V.
Capacitance
Symbol
Parameter
Conditions
VCC (V)
TA=+25ºC
Unit
Figure
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
f=1MHz
0
3.0
pF
15
COFF
B Port Off Capacitance
f=1MHz
4.5
11.5
pF
14
CON
A Port On Capacitance
f=1MHz
4.5
27.0
pF
15


Similar Part No. - FSA1256AL8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256AL8X FAIRCHILD-FSA1256AL8X Datasheet
618Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256AL8X FAIRCHILD-FSA1256AL8X Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256AL8X FAIRCHILD-FSA1256AL8X Datasheet
509Kb / 10P
   Low-RON Low-Voltage, Dual SPST Analog Switch with Low-ICCT ?쏛??Option
logo
ON Semiconductor
FSA1256AL8X ONSEMI-FSA1256AL8X Datasheet
572Kb / 12P
   Low-Voltage, Dual SPST Analog Switch
November 2013 Rev. 1.0.9
More results

Similar Description - FSA1256AL8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256_0504 FAIRCHILD-FSA1256_0504 Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256 FAIRCHILD-FSA1256_08 Datasheet
509Kb / 10P
   Low-RON Low-Voltage, Dual SPST Analog Switch with Low-ICCT ?쏛??Option
FSA1256A FAIRCHILD-FSA1256A Datasheet
618Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257 Datasheet
539Kb / 7P
   Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com