Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA223 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSA223
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA223 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSA223_12 Datasheet HTML 6Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 7Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 8Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 9Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 10Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 11Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 12Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 13Page - Fairchild Semiconductor FSA223_12 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA223 • Rev. 1.0.4
10
Test Diagrams (Continued)
tRISE = 750ps
GND
0.4V
90%
90%
10%
10%
tFALL= 750ps
50%
50%
Input – V
D+/D-
Output- V
50%
50%
VOL
tpLH
tpHL
-V
OUT
VOH
Figure 17.
USB Switch Propagation Delay Waveforms
tRISE=750ps
GND
0.4V
90%
90%
10%
10%
t
= 750ps
50%
50%
Input – V
D+/D-
Output- V
OUT
50%
50%
VOH
VOL
tpLH
tpHL
t
tFALL
–V
-
Figure 18.
Pulse Skew: tSK(P)=| tPHL – tPLH |
tRISE=750ps
GND
0.4V
90%
90%
10%
10%
t
= 750ps
50%
50%
Input – V
D+/D
-
Output1- V
OUT
50%
50%
VOH
VOL
tpLH1
tpHL1
Output2- V
OUT
50%
50%
VOH
VOL
tpLH2 tpHL2
t
sk(o
)
tFALL
-
-
-V
Figure 19.
Output Skew: tSK(O)=| tPLH1 – tPLH2 | or | tPHL1 – tPHL2 |


Similar Part No. - FSA223_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA223L10X FAIRCHILD-FSA223L10X Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223L10X FAIRCHILD-FSA223L10X Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA223L10X ONSEMI-FSA223L10X Datasheet
612Kb / 18P
   High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results

Similar Description - FSA223_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com