Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA221L10X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA221L10X
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA221L10X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA221L10X Datasheet HTML 1Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 2Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 3Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 4Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 5Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 6Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 7Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 8Page - Fairchild Semiconductor FSA221L10X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221 • Rev. 1.1.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VAUDIO /
VBUS
Supply Voltage
-0.5
6.0
V
VSW
Switch I/O Voltage
(3)
D+, D-, D+/R, D-/L Pins
VBUS -7.0
VBUS +0.3
V
R, L, Pins
VAUDIO -7.0 VAUDIO -0.3
V
ASEL
Control Input Voltage
(3)
-0.5
6.0
V
IIK
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current (Continuous)
USB
50
mA
Audio
50
ISWPEAK
Peak Switch Current (Pulsed at 1ms
Duration, <10% Duty Cycle)
USB
100
mA
Audio
100
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
MSL
Moisture Sensitivity Level (JEDEC J-STD-020A)
Level 1
ESD
Human Body Model
(JEDEC: JESD22-A114)
I/O to GND
7500
V
All Other Pins
7500
VAUDIO VBUS to GND
12000
Charged Device Model (JEDEC: JESD22-C101)
2000
Note:
3.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Minimum
Maximum
VAUDIO
Supply Voltage
3.0V
4.2V
VBUS
Supply Voltage
4.25V
5.50V
ASel
Control Input Voltage
0V
VAUDIO
VSW
Switch I/O Voltage
VAUDIO –6.5V
VAUDIO –0.3V
VBUS –6.5V
VBUS
TA
Operating Temperature
-40°C
85°C
JA
Thermal Resistance (Free Air)
MicroPak™
330°C / W (Estimated)


Similar Part No. - FSA221L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA221L10X ONSEMI-FSA221L10X Datasheet
1Mb / 19P
   High-Speed Audio Switches
March 2013 Rev. 1.1.0
More results

Similar Description - FSA221L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com