Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6404CSX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6404CSX
Description  Precision Composite Video Output with Sound Trap and Group Delay Compensation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6404CSX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6404CSX Datasheet HTML 1Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 2Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 3Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 4Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 5Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 6Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 7Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 8Page - Fairchild Semiconductor FMS6404CSX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6404 • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
6.0
V
VIO
Analog and Digital I/O
-0.3
VCC+0.3
V
VOUT
Maximum Output Current, Do Not Exceed
100
mA
Electrostatic Discharge Information
Symbol
Parameter
Min.
Unit
ESD
Human Body Model, JESD22-A114
8
kV
Charged Device Model, JESD22-C101
2
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+300
°C
JA
Thermal Resistance, JEDEC Standard, Multilayer Test Board, Still
Air
90
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
0
+70
°C
VCC
Supply Voltage Range
4.75
5.00
5.25
V
DC Electrical Characteristics
TA=25°C, VCC=5.0V, RS=37.5Ω, all inputs are AC-coupled with 0.1µF, and all outputs are AC coupled with 220µF into
150Ω load; unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Range
VS Range
4.75
5.00
5.25
V
ICC
Quiescent Supply Current
VS=+5.0V, No Load
50
70
90
mA
VIN
Video Input Voltage Range
Referenced to GND if DC Coupled
1.4
VPP
PSRR
Power Supply Rejection Ratio
DC
-50
dB
ISC
Output Short Circuit Current
CV, EQ_NOTCH to GND
85
mA


Similar Part No. - FMS6404CSX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6404CSX ONSEMI-FMS6404CSX Datasheet
789Kb / 11P
   Precision Composite Video Output with Sound Trap and Group Delay Compensation
Rev. 1.0.0
More results

Similar Description - FMS6404CSX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6404 ONSEMI-FMS6404 Datasheet
789Kb / 11P
   Precision Composite Video Output with Sound Trap and Group Delay Compensation
Rev. 1.0.0
logo
Fairchild Semiconductor
FMS6406 FAIRCHILD-FMS6406_06 Datasheet
650Kb / 12P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6406 FAIRCHILD-FMS6406 Datasheet
26Kb / 1P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
ON Semiconductor
FMS6406 ONSEMI-FMS6406 Datasheet
706Kb / 14P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Rev. 4.0.4
logo
Fairchild Semiconductor
ML6416 FAIRCHILD-ML6416 Datasheet
318Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
Micro Linear Corporatio...
ML6415 MICRO-LINEAR-ML6415 Datasheet
294Kb / 9P
   ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
logo
List of Unclassifed Man...
SPT9400 ETC1-SPT9400 Datasheet
98Kb / 7P
   TRIPLE VIDEO DRIVER WITH Y/C & COMPOSITE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com