Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6303MTC1406X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS6303MTC1406X
Description  Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6303MTC1406X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6303MTC1406X Datasheet HTML 1Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 2Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 3Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 4Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 5Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 6Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 7Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 8Page - Fairchild Semiconductor FMS6303MTC1406X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2012
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6303 • Rev. 1.0.2
FMS6303
Low-Cost, 3-Channel, Video Filter Driver for
SD/ED/HD (1080i)/HD (1080P)
Features
Three 6th-Order Video Anti-Aliasing or
Reconstruction Filters
Supports Component YPrPb or RGB Video
Three Channels: Selectable to 8MHz, 16MHz,
32MHz, or 64MHz for SD/ED/HD_1080i, HD_1080p
Applications
Single Video Load Driver (2V
PP, 150Ω, AV = 6dB)
Selectable Clamp or Bias Mode on Pb/B,
Pr/R Inputs
AC- or DC-Coupled Inputs and Outputs
DC-Coupled Outputs Eliminate Coupling Capacitors
Output Disable
Single 5V Supply
2kV CDM / 9kV HBM ESD Protection
Applications
Cable and Satellite Set-Top Boxes
DVD Players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
Description
FMS6303 offers comprehensive filtering for set-top box
or DVD applications. It is intended to replace passive LC
filters and drivers with a low-cost integrated device.
Filter channels are specialized for either component
(YPbPr) or RGB video signals. These channels offer a
selectable frequency response of 8, 16, 32, or 64MHz.
Additional functionality of these channels includes input
biasing mode and output disable.
The FMS6303 may be driven directly by a DC-coupled
DAC output or an AC-coupled signal. All inputs accept
standard 1Vpp video signals.
Each channel includes an output amplifier capable of
driving a single (150Ω) AC- or DC-coupled video load.
All outputs can be disabled to save power in DC-coupled
applications.
Figure 1.
Block Diagram
Ordering Information
Part Number
Operating
Temperature
Range
Gain Setting
Package
Packing Method
FMS6303MTC1406X
-40°C to +85°C
6dB
TSSOP-14
Tape and Reel
Note:
1.
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - FMS6303MTC1406X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303MTC1406X FAIRCHILD-FMS6303MTC1406X Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
ON Semiconductor
FMS6303MTC1406X ONSEMI-FMS6303MTC1406X Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
More results

Similar Description - FMS6303MTC1406X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6646 FAIRCHILD-FMS6646 Datasheet
1,011Kb / 12P
   Six Channel, SD/HD (1080p) Video Filter Driver
FMS6646 FAIRCHILD-FMS6646_09 Datasheet
446Kb / 12P
   Six Channel, SD/HD 1080p Video Filter Driver
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com