Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8904 Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
88
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:4
DCS_DAC_WR_C
OMPLETE [3:0]
0000
DC Servo DAC Write status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = DAC Write DC Servo mode not
completed.
1 = DAC Write DC Servo mode
complete.
3:0
DCS_STARTUP_
COMPLETE [3:0]
0000
DC Servo Start-Up status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = Start-Up DC Servo mode not
completed..
1 = Start-Up DC Servo mode
complete.
Table 52 DC Servo Enable and Start-Up Modes
DC SERVO ACTIVE MODES
The DC Servo modes described above are suitable for initialising the DC offset correction circuit on
the Line and Headphone outputs as part of a controlled start-up sequence which is executed before
the signal path is fully enabled. Additional modes are available for use whilst the signal path is active;
these modes may be of benefit following a large change in signal gain, which can lead to a change in
DC offset level. Periodic updates may also be desirable to remove slow drifts in DC offset caused by
changes in parameters such as device temperature.
The DC Servo circuit is enabled on HPOUTR and HPOUTL by setting DCS_ENA_CHAN_1 and
DCS_ENA_CHAN_0 respectively, as described earlier in Table 52. Similarly, the DC Servo circuit is
enabled on LINEOUTR and LINEOUTL by setting DCS_ENA_CHAN_3 and DCS_ENA_CHAN_2
respectively.
Writing a logic 1 to DCS_TRIG_SINGLE_n initiates a single DC offset measurement and adjustment
to the associated output; (‘n’ = 3 for LINEOUTR channel, 2 for LINEOUTL channel, 1 for HPOUTR
channel, 0 for HPOUTL channel). This will adjust the DC offset correction on the selected channel by
no more than 1LSB (0.25mV).
Setting DCS_TIMER_PERIOD_01 or DCS_TIMER_PERIOD_23 to a non-zero value will cause a
single DC offset measurement and adjustment to be scheduled on a periodic basis. Periodic rates
ranging from every 0.52s to in excess of 2 hours can be selected.
Writing a logic 1 to DCS_TRIG_SERIES_n initiates a series of DC offset measurements and applies
the necessary correction to the associated output. The number of DC Servo operations performed is
determined by DCS_SERIES_NO_01 or DCS_SERIES_NO_23. A maximum of 128 operations may
be selected, though a much lower value will be sufficient in most applications.
The DC Servo control fields associated with active modes (suitable for use on a signal path that is in
active use) are described in Table 53.


Similar Part No. - WM8904

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
More results

Similar Description - WM8904

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L_11 Datasheet
698Kb / 63P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com