Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAB3103UCX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAB3103UCX
Description  2.3 Watt Class-D Audio Amplifier with Integrated Boost Regulator and Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAB3103UCX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAB3103UCX Datasheet HTML 5Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 6Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 7Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 8Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 9Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 10Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 11Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 12Page - Fairchild Semiconductor FAB3103UCX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2011 Fairchild Semiconductor
www.fairchildsemi.com
FAB3103 • Rev. 1.0.2
9
Line Color
AGCT Configuration
AGC Trip Point (V)
Red
Float
3.25
Green
Ground
3.55
Blue
VBATT
3.75
Figure 10. Target Gain vs. Battery Voltage
Figure 11 is similar to Figure 10 except that the target
gain is expressed in dB rather than V/V.
Line Color
AGCT Configuration
AGC Trip Point (V)
Red
Float
3.25
Green
Ground
3.55
Blue
VBATT
3.75
Figure 11. Target Gain vs. Battery Voltage
Figure 12 shows examples of peak output voltage vs.
battery voltage.
Line
Color
AGCT
Configuration
AGC Trip
Point (V)
Input Voltage
(Vpk)
Magenta
Float
3.25
0.3
Cyan
Ground
3.55
0.3
Black
VBATT
3.75
0.3
Figure 12. Output Voltage vs. Battery Voltage
Figure 13 shows examples of output power vs. battery
voltage with a 0.4Vpk sinusoidal input signal.
Line
Color
AGCT
Configuration
AGC Trip
Point (V)
Input Voltage
(Vpk)
Magenta
Float
3.25
0.3
Cyan
Ground
3.55
0.3
Black
VBATT
3.75
0.3
Figure 13. Output Power vs. Battery Voltage
Examples (VIN=0.4Vpk Sine)
The speed at which gain can change is limited (see
Electrical Characteristics)
; therefore, the actual gain
may lag the target gain if VBATT voltage changes quickly.
Figure 14 and Figure 15 show examples of AGC
changes over time. In these examples, AGCT is
grounded, so the AGC trip point is 3.55V.
1.
Initially, VBATT is 3.6V and gain is 10V/V (20dB).
2.
A narrow VBATT drop of less than 2µs is ignored by
the AGC.
3.
The next VBATT drop lasts longer and the AGC is
tripped. The initial 0.5dB gain reduction occurs
3.9µs after VBATT crosses below the 3.55V trip point.
4.
VBATT is now 3.1V, so target gain is 10V/V – 3V/V ×
10V/V × [(3.55V – 3.1V) / 5.2V]=7.40V/V=17.4dB.
5.
Gain continues to drop by 0.5dB every 10
µs until it
is below the target gain, where it settles at 17.0dB.
6.
When VBATT rises above the trip point, gain
increases by 0.5dB. If more than 800ms has
passed since the last gain change, gain rises
immediately, as shown in Figure 14. Otherwise,
gain does not rise until after 800ms has passed, as
shown in Figure 15.
7.
While VBATT remains above the trip point, gain
continues to increase by 0.5dB every 800ms until it
returns to 20dB.
The intent of the AGC circuitry is to limit current draw
from the battery to extend runtime. This is particularly
important for handsets that incorporate advanced
shutdown algorithms to measure battery voltage. The
AGC circuit dynamically adjusts the amplifier gain based
on the trip point used. Even though the amplifier gain is
reduced in response to lower battery voltages, two
conditions result in continued higher current draw: 1) the
handset volume is turned up in an attempt to maintain
the same loudness, or 2) the input signal is increased. If
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
2.5
3.0
3.5
4.0
4.5
5.0
VBATT (V)
8
10
12
14
16
18
20
2.5
3.0
3.5
4.0
4.5
5.0
VBATT (V)
0.5
1
1.5
2
2.5
3
3.5
2.5
3.0
3.5
4.0
4.5
5.0
VBATT (V)
VIN = 0.3Vpk
0.0
0.2
0.4
0.6
0.8
1.0
2.5
3.0
3.5
4.0
4.5
5.0
VBATT (V)
RL = 8Ω + 33µH


Similar Part No. - FAB3103UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAB3103UCX ONSEMI-FAB3103UCX Datasheet
1Mb / 15P
   2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
More results

Similar Description - FAB3103UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAB3103 ONSEMI-FAB3103 Datasheet
1Mb / 15P
   2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
   3W Class-D Audio Power Amplifier with Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Jiaxing Heroic Technolo...
HT8692 HEROIC-HT8692 Datasheet
191Kb / 3P
   6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
   8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2164A POWER-LPA2164A Datasheet
1Mb / 15P
   6W Class- F Audio Amplifier With Boost Convertor Integrated
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com