Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAB3103 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAB3103
Description  2.3 Watt Class-D Audio Amplifier with Integrated Boost Regulator and Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAB3103 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAB3103 Datasheet HTML 4Page - Fairchild Semiconductor FAB3103 Datasheet HTML 5Page - Fairchild Semiconductor FAB3103 Datasheet HTML 6Page - Fairchild Semiconductor FAB3103 Datasheet HTML 7Page - Fairchild Semiconductor FAB3103 Datasheet HTML 8Page - Fairchild Semiconductor FAB3103 Datasheet HTML 9Page - Fairchild Semiconductor FAB3103 Datasheet HTML 10Page - Fairchild Semiconductor FAB3103 Datasheet HTML 11Page - Fairchild Semiconductor FAB3103 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2011 Fairchild Semiconductor
www.fairchildsemi.com
FAB3103 • Rev. 1.0.2
8
Figure 9. Auto Boost Startup
Automatic Gain Control
Due to constant output power, the amount of VBATT
current needed to maintain a given output amplitude is
inversely proportional to VBATT voltage. This produces
very large current requirements at low VBATT. The AGC
eases low-VBATT current demands by reducing the gain
when VBATT voltage drops below a trip point. One of
three different trip points may be selected by shorting
AGCT to VBATT, shorting AGCT to PGND, or floating
AGCT (see Electrical Characteristics)
.
The trip point is determined upon power-on and when
EN transitions from LOW to HIGH. If AGCT is changed
during operation, the new value is not read until power
or EN is cycled.
When VBATT is above the trip point, the AGC has no
effect on the signal path.
When VBATT is at or below the trip point, target gain is
reduced in 0.5dB steps according to the equation:


max
arg
out
batt
T
I
L
I
et
t
V
V
V
G
S
G
G
(1)
where:
GI
= Initial gain (10V/V);
SL
= 3V/V slope;
VOUTMAX = 5.2V;
VT
= AGC trip point set by the AGCT pin; and
VBATT
= Voltage at the VBATT pin.
Target gain can be reduced by as much as 10dB.
Note that the state of auto boost shutdown has no effect
on the AGC.
Figure 10 shows target gain vs. battery voltage.
0
0.2
0.4
0.6
0.8
0
20
40
60
80
100
120
140
160
180
200
0.0
2.0
4.0
6.0
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
160
180
200
Time (µs)
Boost Converter Peak Input Current Limit


Similar Part No. - FAB3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAB3103 FAIRCHILD-FAB3103 Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FAB3103 ONSEMI-FAB3103 Datasheet
1Mb / 15P
   2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
FAB3103UCX ONSEMI-FAB3103UCX Datasheet
1Mb / 15P
   2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
More results

Similar Description - FAB3103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAB3103 ONSEMI-FAB3103 Datasheet
1Mb / 15P
   2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
   3W Class-D Audio Power Amplifier with Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Jiaxing Heroic Technolo...
HT8692 HEROIC-HT8692 Datasheet
191Kb / 3P
   6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
logo
Lowpower Semiconductor ...
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
   8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2164A POWER-LPA2164A Datasheet
1Mb / 15P
   6W Class- F Audio Amplifier With Boost Convertor Integrated
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com