Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX083AL Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX083AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX083AL Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX083AL Datasheet HTML 7Page - Sony Corporation ICX083AL Datasheet HTML 8Page - Sony Corporation ICX083AL Datasheet HTML 9Page - Sony Corporation ICX083AL Datasheet HTML 10Page - Sony Corporation ICX083AL Datasheet HTML 11Page - Sony Corporation ICX083AL Datasheet HTML 12Page - Sony Corporation ICX083AL Datasheet HTML 13Page - Sony Corporation ICX083AL Datasheet HTML 14Page - Sony Corporation ICX083AL Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
– 11 –
ICX083AL


Similar Part No. - ICX083AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX084 SONY-ICX084 Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084 SONY-ICX084 Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX083AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com