Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX083AL Datasheet(PDF) 4 Page - Sony Corporation

Part No. ICX083AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX083AL Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
– 4 –
ICX083AL
2 Indications of substrate voltage (V
SUB
) and reset gate clock voltage (VRGL) setting value
The setting value of the substrate voltage and reset gate clock voltage are indicated on the back of the
image sensor by a special code. Adjust the substrate voltage (VSUB) and reset gate clock voltage (VRGL) to
the indicated voltage. The adjustment precision is ±3%.
VSUB code — one character indication
VRGL code — one character indication
VRGL code
VSUB code
"Code" and optimal setting correspond to each other as follows.
DC Characteristics
<Example> "5K"
→ VRGL = 2.0V
VSUB = 12.0V
3 This must no exceed the V
VL
voltage of the vertical clock waveform.
4 1) Current to each pin when 20V is applied to V
DD
, RD, VOUT, VSS, HIS and SUB pins, while pins that are
not tested are grounded.
2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2, Vφ3 and Vφ4 pins, while pins that are
not tested are grounded. However, 20V is applied to SUB pin.
3) Current to each pin when 15V is applied sequentially to H
φ1, Hφ2, RG and VGG pins, while pins that are
not tested are grounded. However, 15V is applied to SUB pin.
4) Current to VL pin when 30V is applied to V
φ1, Vφ3, HIS, VDD, RD and VOUT pins or when, 24V is applied
to RG pin or when, 20V is applied to V
φ2, Vφ4, VGG, VSS, Hφ1 and Hφ2 pins, while VL pin is grounded.
However, GND and SUB pins are left open.
5 Current to SUB pin when 55V is applied to SUB pin, while pins that are not tested are grounded.
Item
Output amplifier drain current
Input current
Input current
IDD
IIN1
IIN2
6
1
10
mA
µA
µA
4
5
Symbol
Min.
Typ.
Max.
Unit
Remarks
VRGL code
Optimal setting
0
0.5 1.0 1.5 2.0 2.5 3.0
1
2
3
4
5
6
7
VSUB code
Optimal setting 9.0 9.5 10.010.511.011.512.0
D
E
f
G
h
J
K
L
m
N
P
Q
R
S
T
U
V
W
X
Y
Z
12.513.013.514.014.515.015.516.016.517.017.518.018.519.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn