Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAB1200 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAB1200
Description  Class-G Ground-Referenced Headphone Amplifier with Integrated Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAB1200 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAB1200 Datasheet HTML 3Page - Fairchild Semiconductor FAB1200 Datasheet HTML 4Page - Fairchild Semiconductor FAB1200 Datasheet HTML 5Page - Fairchild Semiconductor FAB1200 Datasheet HTML 6Page - Fairchild Semiconductor FAB1200 Datasheet HTML 7Page - Fairchild Semiconductor FAB1200 Datasheet HTML 8Page - Fairchild Semiconductor FAB1200 Datasheet HTML 9Page - Fairchild Semiconductor FAB1200 Datasheet HTML 10Page - Fairchild Semiconductor FAB1200 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAB1200 • Rev 1.2.6
7
Typical Characteristics
2.5
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
0
1
3
4
5
6
7
8
9
10
2
Figure 4. Quiescent Supply Current vs.
Supply Voltage
Figure 5. Shutdown Supply Current vs.
Supply Voltage
0.001
10
1
100
RL = 32ohm
f = 1KHz
Outputs in-phase
Avdd = 2.5V
Avdd = 3.6V
Avdd = 5.0V
0.01
0.1
1
10
100
Total Output Power (mW)
Figure 6. Supply Current vs. Total Output Power 32Ω Figure 7. Supply Current vs. Total Output Power 16Ω
0
2.5
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
10
30
40
50
60
70
80
90
100
20
f = 1KHz
RL= 32ohm
Outputs in-phase
THD+N = 10%
THD+N = 1%
0
2.5
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
10
30
40
50
60
70
80
90
100
20
f = 1KHz
RL= 16ohm
Outputs in-phase
THD+N = 10%
THD+N = 1%
Figure 8. Output Power vs. Supply Voltage at 32Ω
Figure 9. Output Power vs. Supply Voltage at 16Ω


Similar Part No. - FAB1200

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB1204020 PST-FAB1204020 Datasheet
534Kb / 4P
   Industrial and hard environment
FAB1204021 PST-FAB1204021 Datasheet
484Kb / 4P
   Power factor correction front end for : Industrial and hard environment
FAB1204022 PST-FAB1204022 Datasheet
392Kb / 3P
   Power factor corrected AC front end for avionic application
FAB1206010 PST-FAB1206010 Datasheet
428Kb / 1P
   DC/DC PCB board converter for military application
More results

Similar Description - FAB1200

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
   Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com