Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0156000000 Datasheet(PDF) 26 Page - Weidmuller

Part # 0156000000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0156000000 Datasheet(HTML) 26 Page - Weidmuller

Back Button 0156000000 Datasheet HTML 22Page - Weidmuller 0156000000 Datasheet HTML 23Page - Weidmuller 0156000000 Datasheet HTML 24Page - Weidmuller 0156000000 Datasheet HTML 25Page - Weidmuller 0156000000 Datasheet HTML 26Page - Weidmuller 0156000000 Datasheet HTML 27Page - Weidmuller 0156000000 Datasheet HTML 28Page - Weidmuller 0156000000 Datasheet HTML 29Page - Weidmuller 0156000000 Datasheet HTML 30Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Feed-through terminals with tab connection
149
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/-current
Rated cross-section for clamping yokes
Rated cross-section tab
6.3/2.8 mm
Rated Voltage VDE 0110/1.89/pollution severty
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2 pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
Slotted KrG
Slotted blue KrG
Slotted PA
Unslotted KrG
End plate/partition/small partition (thickness mm)
AP
TW
TSch 1
KrG
Blue KrG
PA
PA
HP
T
Cross-connection
QL
QB 4
2-pole
3-pole
4-pole
10-pole
25-pole
BS M 3 x 4.5
BS M 3 x 24
Test plug/socket
PS
Insulation sleeve
Marking tags
Print
DEK
Standard
SAK 4 S
SAK 4 S/35
6.3
2.8
SAK 4 SS
SAK 4 SS/35
6.3
2.8
SAKR F
SAKR F/35
2.8
a r #
6.5/42/40.5/54.5 (opened)
6.5/42/40.5/32.5
8 mm/M 3/3.5 x 0.6
250 V1)/10 A
4 mm2
-/1.0 mm2
6 kV/3
0.5…1.0
1
0.5…4
1.5…4
0.5…4
0.5…2.5
A 3
(QB 2…25) 10
300 V/10 A/22…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
06636600001006382870000100
with 1 StB 6
Type
Cat. No.
Qty.
AP (1.5)
0211360000 20
TW (1.0)
0297100000 20
QB 2*
0482700000 100
QB 3*
0482800000 50
QB 4*
0482900000 50
QB 25 blank* 0134000000 20
PS 2.3
0180400000 20
IH 2.8
0386060000 200
DEK 6.5
see “Accessories”
a r # u
6.5/40/51.5
6.5/40/49.5
12 mm/M 3/3.5 x 0.6
500 V1)/16 A
4 mm2
2.5/1.0 mm2
6 kV/3
0.5…1.0
2
0.33…6
1.5…4
0.5…4
0.5…4
A 4
(QL 2…10) 36 A at 6 mm2
300 V/13 A/26…12 AWG
300 V/13 A/26…12 AWG
Y
Qty. W
Qty.
0401220000 100
0401260000100 0630360000100
Type
Cat. No.
Qty.
AP (1.5)
0117920000 20
AP (1.5)
0117960000 20
AP (1.5)
0130160000 20
TW (1.0)
0297100000 20
QL 2
0130600000 100
QL 3
0130700000 100
QL 4
0130800000 50
QL 10
0338200000 20
BS M 3x4.5 1593210000 100
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6.5
see “Accessories”
a r # u
6.5/40/51.5
6.5/40/49.5
500 V1)/16 A
-
2.5/1.0 mm2
6 kV/3
(QL 2…10) 36 A at 6 mm2
300 V/13 A/18…14 AWG
300 V/13 A/18…14 AWG
Y
Qty. W
Qty.
0479620000 10
0479660000100 0630460000100
0352920000 10
Type
Cat. No.
Qty.
AP (1.5)
0117920000 20
AP (1.5)
0117970000 20
AP (1.5)
0117960000 20
TW (1.5)
0130160000 20
TW (1.0)
0297100000 20
QL 2
0130600000 100
QL 3
0130700000 100
QL 4
0130800000 50
QL 10
0338200000 20
BS M 3x4.5 1593210000 100
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6.5
see “Accessories”
*The conductor cross-section for the screw connection is reduced to
2.5 mm2 when QB is used
1
) With insulation sleeve
YY
Y
Mounting rails, end brackets, further marking material see “Accessories”
W
W
W


Similar Part No. - 0156000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0156000000 WEIDMULLER-0156000000 Datasheet
531Kb / 1P
   SAKT 4/LT SAKT 4/DU SAKT 1/DU SAKT 1/QT
More results

Similar Description - 0156000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com