Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX077AL Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX077AL
Description  Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX077AL Datasheet(HTML) 2 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
– 2 –
ICX077AL
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
V
φ4
V
φ3
V
φ2
V
φ1
CGG
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Output amplifier gate ∗1
GND
Signal output
8
9
10
11
12
13
14
VDD
GND
SUB
VL
RG
H
φ1
H
φ2
Supply voltage
GND
Substrate (overflow drain)
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Note)
: Photo sensor
Horizontal Register
Note)
2
3
4
5
6
7
8
9
10
11
12
13
14
1
Block Diagram and Pin Configuration
(Top View)
Item
–0.3 to +55
–0.3 to +18
–55 to +12
–15 to +20
to +12
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +27.5
–0.3 to +22.5
–0.3 to +17.5
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
2
3
Ratings
Unit
Remarks
Absolute Maximum Ratings
2 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
3 When C
GG
or GND (Pin 6) are grounded.
–0.3 to +17.5V when CGG and GND (Pin 6) are to be disconnected.
Substrate voltage SUB – GND
Supply voltage
Clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
H
φ1, Hφ2 – GND
H
φ1, Hφ2 – SUB
VL – SUB
V
φ1, Vφ3, VDD, VOUT – VL
RG – GND
V
φ2, Vφ4, CGG, Hφ1, Hφ2, GND – VL
Storage temperature
Operating temperature
VDD, VOUT, CGG – GND
VDD, VOUT, CGG – SUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
V
φ1, Vφ2, Vφ3, Vφ4 – SUB
Pin Description
1 DC bias is applied within the CCD, so that this pin should be grounded externally through a capacitance of
1µF or more.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn