Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500254-1931 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 500254-1931
Description  TRAY FOR HDMI CONN.R/A WITH FLANGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

500254-1931 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  500254-1931 Datasheet HTML 1Page - Molex Electronics Ltd. 500254-1931 Datasheet HTML 2Page - Molex Electronics Ltd. 500254-1931 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 500254-1931

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500254-1931 MOLEX11-500254-1931 Datasheet
283Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
More results

Similar Description - 500254-1931

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
100042MB019SX18ZA SUYIN-USA-100042MB019SX18ZA Datasheet
297Kb / 3P
   HDMI Receptacle SMT Type Femole connector with flange
100042MB019SX17ZA SUYIN-USA-100042MB019SX17ZA Datasheet
312Kb / 3P
   HDMI Receptacle SMT Type Femole connector with flange
100042MB019SX16ZA SUYIN-USA-100042MB019SX16ZA Datasheet
336Kb / 3P
   HDMI Receptacle SMT Type Femole connector with flange
logo
Adam Technologies, Inc.
HDMI-S-V-TSMT-MF ADAM-TECH-HDMI-S-V-TSMT-MF Datasheet
93Kb / 1P
   HDMI CONNECTOR WITH MOUNTING FLANGE TRUE SMT TYPE
logo
Kycon, Inc.
KDMIX-SL1 KYCON-KDMIX-SL1 Datasheet
483Kb / 1P
   SLIM UPRIGHT Type A Through Hole Shield No Flange With Spring HDMI(TM)
logo
SUYIN USA, INC.
100042MB019SX15ZA SUYIN-USA-100042MB019SX15ZA Datasheet
316Kb / 3P
   HDMI Receptacle SMT Type With Flange Low Profile Type
100042MR019SX13ZA SUYIN-USA-100042MR019SX13ZA Datasheet
331Kb / 3P
   HDMI Right Angle Throught Hole Type Female Conn With Flange
logo
Molex Electronics Ltd.
0732540430 MOLEX11-0732540430 Datasheet
74Kb / 1P
   50 Ohms, QMA Straight Flange Mount Jack, Tray
0732540430 MOLEX-0732540430_V01 Datasheet
66Kb / 1P
   50 Ohms, QMA Straight Flange Mount Jack, Tray
0471511102 MOLEX1-0471511102_18 Datasheet
39Kb / 2P
   0.50mm Pitch HDMI Receptacle, Right-Angle with Screw Flange, Front Solder Tab Length 1.45mm, Shell Nickel (Ni) Plated, with Back Cover, Tray Package, Lead-Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com