Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89485-8000 Datasheet(PDF) 4 Page - MolexKits

Part # 89485-8000
Description  Deluxe Audio Video Data Application Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

89485-8000 Datasheet(HTML) 4 Page - MolexKits

  89485-8000 Datasheet HTML 1Page - MolexKits 89485-8000 Datasheet HTML 2Page - MolexKits 89485-8000 Datasheet HTML 3Page - MolexKits 89485-8000 Datasheet HTML 4Page - MolexKits 89485-8000 Datasheet HTML 5Page - MolexKits 89485-8000 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Features and Benefits continued
Applications continued
• Side metal shielding, against EMI/RFI
• Panel grounding pins for ESD protection
• Stand-offs for anti-solder bridging
• Kinked boardlocks, strong PCB retention
• Small footprint saves PCB real estate
• Inlet dimples, locking feature
• Operates at speeds up to 480 Mbps
• Fully compliant with USB 2.0
• Compact and Low-profile, ideal for
mobile applications
• 1/8 the size of standard USB-B
• 5,000 mating cycles, rugged durability
• Lead-in features provide blind mating
• Stainless steel shell provides high
mating durability & strength
• Latching windows with angular tabs
prevent accidental unmating of plug
• Pick & place area (3mm diameter)
enhances assembly process
• Beveled profile B style locks out A-type
• Desktop and Notebook PCs
• PC Peripherals: Scanner, Printer, Monitor,
Modem, Keyboard, Joystick, & Mouse
• Telephony systems: ISDN, PBXs, & Handsets
• Cell phones
• Digital still cameras
• Digital video cameras
• PDAs
• MP3 Players
• Other portable and hand-held devices
• Mobile Phones
• Portable devices
• MP3 players
• Portable digital video players
• Digital Still Cameras
• Digital Video Cameras
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 4 of 6


Similar Part No. - 89485-8000

ManufacturerPart #DatasheetDescription
logo
MolexKits
89485-8000 MOLEXKITS-89485-8000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
89485-8000 MOLEX10-89485-8000 Datasheet
344Kb / 7P
   Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash, Tray Package
More results

Similar Description - 89485-8000

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13718 SPARKFUN-TOL-13718 Datasheet
103Kb / 2P
   Shapeoko Deluxe Kit
11/24/2015
logo
Switchcraft, Inc.
EH1PKG SWITCH-EH1PKG Datasheet
195Kb / 1P
   AUDIO VIDEO DATA PANEL CONNECTORS
logo
SparkFun Electronics
TOL-11805 SPARKFUN-TOL-11805 Datasheet
113Kb / 2P
   SparkFun Deluxe Tool Kit
7????9
logo
Switchcraft, Inc.
EH35MMMSC SWITCH-EH35MMMSC Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
Pomona Electronics
6173A POMONA-6173A Datasheet
198Kb / 2P
   Deluxe Industrial Test Companion Kit
6345 POMONA-6345 Datasheet
79Kb / 1P
   Deluxe Electronic Test Companion Kit
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
   Composite Data, Audio, Video, Security and Control
05-05-2023
logo
IOGEAR
GVE600W6 IOGEAR-GVE600W6 Datasheet
146Kb / 2P
   DVI Video Extender Kit (CAT 5e/6) with Audio
logo
Pomona Electronics
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com